Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208IPZPR Datasheet(PDF) 19 Page - Texas Instruments

Part # TAS3208IPZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208IPZPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS3208IPZPR Datasheet HTML 15Page - Texas Instruments TAS3208IPZPR Datasheet HTML 16Page - Texas Instruments TAS3208IPZPR Datasheet HTML 17Page - Texas Instruments TAS3208IPZPR Datasheet HTML 18Page - Texas Instruments TAS3208IPZPR Datasheet HTML 19Page - Texas Instruments TAS3208IPZPR Datasheet HTML 20Page - Texas Instruments TAS3208IPZPR Datasheet HTML 21Page - Texas Instruments TAS3208IPZPR Datasheet HTML 22Page - Texas Instruments TAS3208IPZPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 79 page
background image
“0”
00000000000000
0 x 09
S Slave Addr
Sub Addr
Ack
Ack
DIT
AMUXes
SDOUT2
SDOUT1
DACs
31
18 17
12 11
10 9
8 7
2 1
0
0 x 16
ESFR
31
28
29
24
30
27
23 22 21
20
16
19
15
9
8
7
2 1
0
0 . . . 0
0 x 10
S Slave Addr
Sub Addr
Ack
Ack
DITRST PWRDN CTL
31
8
7
6
0
Decode
MUTE
RSTZ
Decode
00
*1
10
X Mute Ctl
Force Mute Off
Force Mute On
1
0
Powerdown, disable
Powerup, enable
SPDIF-TX
SPDIF_IN
SDOUT2
TX-SAP
CP
S Slave Addr
Sub Addr
Ack
Ack
OUTMUX
EMP CLKAC
WORDLEN
SR
VL
VR SRCNUM CATEGORY L 000000
CATEGORY
L
SR
SRCNUM
VL
VR
CLKAC
WORDLEN
RST
CP
EMP
TAS3208
www.ti.com
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
I2C Register Map for SPDIF
Figure 15 shows system-accessible I2C register mapping for controlling the SPDIF module. The mute control
(MTE) uses the same control bits for controlling SDOUT2 mute at subaddress 0x09, and the module reset (RST)
is mapped to subaddress 0x10 together with other power-down control bits. Other control bits are mapped to
subaddress 0x16.
Figure 15. I2C Register to EFSR and Hardware Connection Map
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com