Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208IPZPR Datasheet(PDF) 70 Page - Texas Instruments

Part # TAS3208IPZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208IPZPR Datasheet(HTML) 70 Page - Texas Instruments

Back Button TAS3208IPZPR Datasheet HTML 66Page - Texas Instruments TAS3208IPZPR Datasheet HTML 67Page - Texas Instruments TAS3208IPZPR Datasheet HTML 68Page - Texas Instruments TAS3208IPZPR Datasheet HTML 69Page - Texas Instruments TAS3208IPZPR Datasheet HTML 70Page - Texas Instruments TAS3208IPZPR Datasheet HTML 71Page - Texas Instruments TAS3208IPZPR Datasheet HTML 72Page - Texas Instruments TAS3208IPZPR Datasheet HTML 73Page - Texas Instruments TAS3208IPZPR Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 79 page
background image
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
SPDIF Control Register (0x16)
Table 42. SPDIF Control Register
BIT
31
30
29
28
27
26
25
24
DESCRIPTION
CP
Copyright flag
EMP
Pre-emphasis flag
CLKA
CLKAC
C
Clock accuracy
b28
b29
WL3
WL2
WL1
WL0
Sample word length
BIT
23
22
21
20
19
18
17
16
SR
SR
Sampling rate
b24
b25
0
0
0
0
0
0
VL
Left-channel validity flag
VR
Right-channel validity flag
SRC#
SRC#
SRC#
SRC#
Source channel number
b19
b18
b17
b16
BIT
15
14
13
12
11
10
9
8
Cat
Cat
Cat
Cat
Cat
Cat
Cat
Category code
b8
b9
b10
b11
b12
b13
b14
0
L
Generation status
BIT
7
6
5
4
3
2
1
0
0
0
0
0
0
0
Unused
MUX1
MUX0
SPDIF MUX
Table 43. Copyright Flag(1)
COPYRIGHT FLAG
CP
Copy prohibited
0
Copy permitted
1
(1)
Default values are shown in italics.
Table 44. Pre-Emphasis Flag(1)
PRE-EMPHASIS FLAG
EMP
No pre-emphasis
0
50/15
µs pre-emphasis
1
(1)
Default values are shown in italics.
Table 45. Sample Word Length
SAMPLE WORD LENGTH
WLx
24-bit sample word length
0
Table 46. Sampling Rate
SAMPLING RATE
b24
b25
48 kHz
0
1
70
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com