Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208IPZPR Datasheet(PDF) 73 Page - Texas Instruments

Part # TAS3208IPZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208IPZPR Datasheet(HTML) 73 Page - Texas Instruments

Back Button TAS3208IPZPR Datasheet HTML 69Page - Texas Instruments TAS3208IPZPR Datasheet HTML 70Page - Texas Instruments TAS3208IPZPR Datasheet HTML 71Page - Texas Instruments TAS3208IPZPR Datasheet HTML 72Page - Texas Instruments TAS3208IPZPR Datasheet HTML 73Page - Texas Instruments TAS3208IPZPR Datasheet HTML 74Page - Texas Instruments TAS3208IPZPR Datasheet HTML 75Page - Texas Instruments TAS3208IPZPR Datasheet HTML 76Page - Texas Instruments TAS3208IPZPR Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 79 page
background image
AVDD
AVDD_HP
SDIN2
LineOut1L
LineOut1R
LineOut1L
AVDD_REF
SDIN1
TAS3208PZP
U1
RESERVED
5
LINEIN6L
57
DVSS1
1
RESERVED
6
MCLKOUT
8
LRCLKOUT
9
SCLKOUT
10
SDOUT1
11
SDOUT2/SPDIF_OUT
12
DVDD2
13
VR_DIG1
14
DVSS2
15
SPDIF_IN
16
RESERVED
17
RESERVED
18
RESERVED
20
SCLKIN
25
LINEIN4R
52
AVDD_LI
53
LINEIN5L
54
AVDD_LI
65
LINEIN9L
66
LINEIN9R
67
AVSS_LI
68
LINEIN10R
70
AVDD_ADC
71
AVSS_ADC/REF
72
BG_REF
74
SDIN2
22
SDIN1
23
RESERVED
3
RESERVED
4
LINEIN5R
55
AVSS_LI
56
LINEIN6R
58
AVDD_LI
59
LINEIN7L
60
LINEIN7R
61
LINEIN8L
63
LINEIN8R
64
SDIN3
21
AVSS_LI
62
LINEIN10L
69
V1P5_REF
75
LINEIN4L
51
/VREG_EN
2
BIAS_REF
73
RESERVED
7
RESERVED
19
LRCLKIN
24
33K
1
2
AVDD_ADC
L/RCLK_IN
AVDD_LI
4.7uF
2
1
SCLK_IN
AVDD_LI
AVDD_LI
GPIO1
DVDD1
0.1uF
4.7uF
33K
1
2
4.7uF
2
1
GPIO2
24k
1
2
LineIn1R
DVDD
LineIn1L
DVDD1
47uF
1
2
DVDD2
4.7uF
10uF
0.1uF
0.1uF
24.576MHz
0.1uF
47uF
1
2
1uF
2
1
0.1uF
0.1uF
4.7uF
DVDD
DVDD2
0.1uF
4.7uF
22uF
1
2
22uF
1
2
DVDD
DVDD3
AVDD_DAC
AVDD
10K
1
2
0.1uF
4.7uF
DVDD
DVDD4
33K
1
2
4.7uF
2
1
33K
1
2
Chip_Select
4.7uF
4.7uF
2
1
LineIn2R
LineIn2L
DVDD3
22uF
1
2
22uF
1
2
10K
1
2
10K
1
2
AVDD_HP
SPDIF
AVDD_HP
4.7uF
2
1
33K
1
2
DVDD4
4.7uF
2
1
33K
1
2
LineIn4R
LineIn4L
33K
1
2
4.7uF
2
1
33K
1
2
LineIn3R
4.7uF
2
1
1uF
2
1
LineIn3L
AVDD_ADC
10pF
2
1
10pF
2
1
nMUTE
SDOUT2/SPDIFOUT
4.7uF
2
1
10K
1
2
33K
1
2
nRESET
4.7uF
2
1
33K
1
2
LineIn5R
LineIn5L
MCLK_IN
22uF
1
2
22uF
1
2
10K
1
2
10K
1
2
SDOUT1
4.7uF
4.7uF
2
1
33K
1
2
4.7uF
2
1
33K
1
2
LineIn6R
LineIn6L
33K
1
2
4.7uF
2
1
33K
1
2
4.7uF
2
1
LineIn7R
LineIn7L
HeadphoneR
HeadphoneL
AVDD_REF
SCLK_OUT
4.7uF
2
1
33K
1
2
AVDD_LI
4.7uF
2
1
33K
1
2
LineIn8R
LineIn8L
4.7uF
2
1
33K
1
2
4.7uF
2
1
AVDD_HP
33K
1
2
LineIn9R
LineIn9L
L/RCLK_OUT
AVDD_LI
4.7uF
2
1
33K
1
2
4.7uF
2
1
33K
1
2
LineIn10R
LineIn10L
AVDD_LI
MCLK_OUT
MASTER_SDA
AVDD_LI
MASTER_SCL
10K
1
2
SLAVE_SDA
SDIN3
10K
1
2
SLAVE_SCL
0.1uF
0.1uF
4.7uF
AVDD
AVDD_HP
AVDD_DAC
LineOut1R
0.1uF
LineOut1R
LineOut1L
4.7uF
0.1uF
TAS3208
www.ti.com
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
APPLICATION INFORMATION
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
73
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com