Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208IPZPR Datasheet(PDF) 64 Page - Texas Instruments

Part # TAS3208IPZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208IPZPR Datasheet(HTML) 64 Page - Texas Instruments

Back Button TAS3208IPZPR Datasheet HTML 60Page - Texas Instruments TAS3208IPZPR Datasheet HTML 61Page - Texas Instruments TAS3208IPZPR Datasheet HTML 62Page - Texas Instruments TAS3208IPZPR Datasheet HTML 63Page - Texas Instruments TAS3208IPZPR Datasheet HTML 64Page - Texas Instruments TAS3208IPZPR Datasheet HTML 65Page - Texas Instruments TAS3208IPZPR Datasheet HTML 66Page - Texas Instruments TAS3208IPZPR Datasheet HTML 67Page - Texas Instruments TAS3208IPZPR Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
Table 28. Analog Busy(1)
ANALOG BUSY FLAG
ABSY
Analog is busy
1
Analog not busy
0
(1)
Default values are shown in italics.
Analog control sequence takes time (maximum approximately 500 ms for headphone power up). This busy flag
indicates whether the analog control sequence is running or not.
Table 29. I2C Bus Error(1)
I2C BUS ERROR
BUSE
Bus error
1
No bus error
0
(1)
Default values are shown in italics.
If an I2C bus error occurs, this flag will be set. Only the host microcontroller can clear this flag by writing 0 to this
bit. I2C bus error status is read from ESFR 0xC5, bit 6, and is cleared by ESFR 0xC7, bit 6.
I2C RAM Load Control and Data Registers (0x04 and 0x05)
The I2C memory load port permits the system controller to load the TAS3208 memories as an alternative to
having the TAS3208 load its memory from an external EEPROM.
The transfer is performed by writing to two I2C registers. The first register is a 8-byte register than holds the
checksum, memory to be written, starting address, and number of data bytes to be transferred. The second
register holds eight bytes of data.
The memory load operation starts with the first register being set. Then the data is written into the second
register using the format shown. After the last data byte is written into the second register, an additional two
bytes are written, which constrain the 2-byte checksum. At that point, the transfer is complete and status of the
operation is reported in the Status register.
NOTE
Once the microprogram memory has been loaded, further updates to this memory are
inhibited until the device is reset.
When the first I2C slave download register is written by the system controller, the TAS3208 updates the Status
register by setting a error bit to indicate an error for the memory type that is being loaded. This error bit is reset
when the operation complete and a valid checksum has been received.
For example, when the microprogram memory is being loaded, the TAS3208 will set a microprogram memory
error indication in the Status register at the start of the sequence. When the last byte of the microprogram
memory and checksum is received, the TAS3208 will clear the microprogram memory error indication. This
enables the TAS3208 to preserve any error status indications that occur as a result of incomplete transfers of
data/ checksum error during a series of data and program memory load operations.
The checksum is always contained in the last two bytes of the data block.
The I2C slave download is terminated when a termination header with a zero-length byte count field is received.
64
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com