Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11AA02UID Datasheet(PDF) 29 Page - Microchip Technology

Part # 11AA02UID
Description  2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA02UID Datasheet(HTML) 29 Page - Microchip Technology

Back Button 11AA02UID Datasheet HTML 24Page - Microchip Technology 11AA02UID Datasheet HTML 25Page - Microchip Technology 11AA02UID Datasheet HTML 26Page - Microchip Technology 11AA02UID Datasheet HTML 27Page - Microchip Technology 11AA02UID Datasheet HTML 28Page - Microchip Technology 11AA02UID Datasheet HTML 29Page - Microchip Technology 11AA02UID Datasheet HTML 30Page - Microchip Technology 11AA02UID Datasheet HTML 31Page - Microchip Technology 11AA02UID Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2013 Microchip Technology Inc.
DS20005206A-page 29
11AA02UID
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
X
/XX
Package
Temperature
Tape & Reel
Device
Device:
11AA02UID =
2 Kbit, 1.8V UNI/O Serial EEPROM with
32-bit Serial Number
Tape & Reel:
T
=
Tape and Reel
Blank
=
Tube
Temperature
Range:
I=
-40
C to+85C(Industrial)
Package:
SN
=
8-lead Plastic SOIC (3.90 mm body)
TT
=
3-lead SOT 23 (Tape and Reel only)
Examples:
a)
11AA02UIDT-I/TT = 2 Kbit, 1.8V Serial
EEPROM with 32-bit serial number, Industrial
temp., Tape & Reel, SOT-23 package
b)
11AA02UID-I/SN = 2 Kbit, 1.8V Serial
EEPROM with 32-bit serial number, Industrial
temp., SOIC package
c)
11AA02UIDT-I/SN = 2 Kbit, 1.8V Serial
EEPROM with 32-bit serial number, Industrial
temp., Tape & Reel, SOIC package
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com