Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11AA02UID Datasheet(PDF) 14 Page - Microchip Technology

Part # 11AA02UID
Description  2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA02UID Datasheet(HTML) 14 Page - Microchip Technology

Back Button 11AA02UID Datasheet HTML 10Page - Microchip Technology 11AA02UID Datasheet HTML 11Page - Microchip Technology 11AA02UID Datasheet HTML 12Page - Microchip Technology 11AA02UID Datasheet HTML 13Page - Microchip Technology 11AA02UID Datasheet HTML 14Page - Microchip Technology 11AA02UID Datasheet HTML 15Page - Microchip Technology 11AA02UID Datasheet HTML 16Page - Microchip Technology 11AA02UID Datasheet HTML 17Page - Microchip Technology 11AA02UID Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
11AA02UID
DS20005206A-page 14
 2013 Microchip Technology Inc.
4.6
Write Status Register (WRSR)
Instruction
The
WRSR instruction allows the user to select one of
four levels of protection for the array by writing to the
appropriate bits in the STATUS register. The array is
divided up into four segments. The user has the ability
to write-protect none, one, two, or all four of the seg-
ments of the array. The partitioning is controlled as
illustrated in Table 4-3.
After transmitting the STATUS register data, the master
must transmit a NoMAK during the Acknowledge
sequence in order to initiate the internal write cycle.
TABLE 4-3:
ARRAY PROTECTION
FIGURE 4-7:
WRITE STATUS REGISTER COMMAND SEQUENCE
Note:
The
WRSR instruction must be terminated
with a NoMAK following the data byte. If a
NoMAK is not received at this point, the
command will be considered invalid, and
the device will go into Idle mode without
responding with a SAK or executing the
command.
BP1
BP0
Array Addresses
Write-Protected
00
none
01
upper 1/4
(C0h-FFh)
10
upper 1/2
(80h-FFh)
11
all
(00h-FFh)
11
0
1
0
1
00
Start Header
SCIO
Device Address
00
0
0
1
0
10
Command
10
1
0
1
1
01
Standby Pulse
SCIO
76 5 4
Status Register Data
32 1 0
Twc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com