Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11AA02UID Datasheet(PDF) 10 Page - Microchip Technology

Part # 11AA02UID
Description  2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA02UID Datasheet(HTML) 10 Page - Microchip Technology

Back Button 11AA02UID Datasheet HTML 6Page - Microchip Technology 11AA02UID Datasheet HTML 7Page - Microchip Technology 11AA02UID Datasheet HTML 8Page - Microchip Technology 11AA02UID Datasheet HTML 9Page - Microchip Technology 11AA02UID Datasheet HTML 10Page - Microchip Technology 11AA02UID Datasheet HTML 11Page - Microchip Technology 11AA02UID Datasheet HTML 12Page - Microchip Technology 11AA02UID Datasheet HTML 13Page - Microchip Technology 11AA02UID Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
11AA02UID
DS20005206A-page 10
 2013 Microchip Technology Inc.
4.2
Current Address Read (CRRD)
Instruction
The internal address counter featured on the
11AA02UID maintains the address of the last memory
array location accessed. The
CRRD instruction allows
the master to read data back beginning from this
current location. Consequently, no word address is
provided upon issuing this command.
Note that, except for the initial word address, the
READ and CRRD instructions are identical, including
the ability to continue requesting data through the use
of MAKs in order to sequentially read from the array.
As with the
READ instruction, the CRRD instruction is
terminated by transmitting a NoMAK.
Table 4-2 lists the events upon which the internal
address counter is modified.
TABLE 4-2:
INTERNAL ADDRESS
COUNTER
FIGURE 4-2:
CRRD COMMAND SEQUENCE
Command
Event
Action
—
Power-on Reset Counter is undefined
Read or
Write
MAK edge
following each
Address byte
Counter is updated
with newly received
value
Read,
Write, or
CRRD
MAK/NoMAK
edge following
each data byte
Counter is incre-
mented by 1
Note:
If, following each data byte in a
READ,
WRITE, or CRRD instruction, neither a
MAK nor a NoMAK edge is received (i.e.,
if a standby pulse occurs instead), the
internal address counter will not be incre-
mented.
Note:
During a Write command, once the last
data byte for a page has been loaded, the
internal Address Pointer will rollover to the
beginning of the selected page.
76 5 4
Data Byte 1
32 1 0
76 5 4
Data Byte 2
32 1 0
76 5 4
Data Byte n
32 1 0
SCIO
11
0
1
0
1
00
Start Header
SCIO
Device Address
00
0
0
1
0
10
Command
10
0
0
0
0
01
Standby Pulse
SCIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com