Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11AA02UID Datasheet(PDF) 1 Page - Microchip Technology

Part # 11AA02UID
Description  2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA02UID Datasheet(HTML) 1 Page - Microchip Technology

  11AA02UID Datasheet HTML 1Page - Microchip Technology 11AA02UID Datasheet HTML 2Page - Microchip Technology 11AA02UID Datasheet HTML 3Page - Microchip Technology 11AA02UID Datasheet HTML 4Page - Microchip Technology 11AA02UID Datasheet HTML 5Page - Microchip Technology 11AA02UID Datasheet HTML 6Page - Microchip Technology 11AA02UID Datasheet HTML 7Page - Microchip Technology 11AA02UID Datasheet HTML 8Page - Microchip Technology 11AA02UID Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2013 Microchip Technology Inc.
DS20005206A-page 1
11AA02UID
DEVICE SELECTION TABLE
Features:
• Preprogrammed 32-Bit Serial Number:
- Unique across all UID-family EEPROMs
- Scalable to 48-bit, 64-bit, 128-bit, 256-bit,
and other lengths
• Single I/O, UNI/O® Serial Interface Bus
• Low-Power CMOS Technology:
- 1 mA active current, typical
- 1 µA standby current (max.)
• 256 x 8 Bit Organization
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kbps Max. Bit Rate – Equivalent to 100 kHz
Clock Frequency
• Self-Timed Write Cycle (including Auto-Erase)
• Page-Write Buffer for up to 16 Bytes
• STATUS Register for Added Control:
- Write enable latch bit
- Write-In-Progress bit
• Block Write Protection:
- Protect none, 1/4, 1/2 or all of array
• Built-in Write Protection:
- Power-on/off data protection circuitry
- Write enable latch
• High Reliability:
- Endurance: 1,000,000 erase/write cycles
- Data retention: > 200 years
- ESD protection: > 4,000V
• 3-Lead SOT-23 and 8-Lead SOIC Packages
• RoHS Compliant
• Available Temperature Ranges:
Description:
The Microchip Technology Inc. 11AA02UID device is a
2 Kbit Serial Electrically Erasable PROM with a
preprogrammed, 32-bit unique ID. The device is
organized in blocks of x8-bit memory and support the
patented* single I/O UNI/O® serial bus. By using
Manchester encoding techniques, the clock and data
are combined into a single, serial bit stream (SCIO),
where the clock signal is extracted by the receiver to
correctly decode the timing and value of each bit.
Low-voltage design permits operation down to 1.8V,
with standby and active currents of only 1 uA and 1 mA,
respectively.
The 11AA02UID is available in standard 8-lead SOIC
and 3-lead SOT-23 packages.
Package Types (not to scale)
Pin Function Table
Part Number
Density
(bits)
VCC Range
Page Size
(Bytes)
Temp.
Ranges
Packages
Unique ID
Length
11AA02UID
2K
1.8-5.5V
16
I
SN, TT
32-Bit
- Industrial (I):
-40°C to
+85°C
Name
Function
SCIO
Serial Clock, Data Input/Output
VSS
Ground
VCC
Supply Voltage
NC
NC
NC
VSS
1
2
3
4
8
7
6
5
VCC
NC
NC
SCIO
SOIC
(SN)
SOT23
2
3
1 SCIO
VCC
VSS
(TT)
2K UNI/O® Serial EEPROM with Unique 32-Bit Serial Number
* Microchip’s UNI/O® Bus products are covered by the following patents issued in the U.S.A.: 7,376,020 and 7,788,430.


Similar Part No. - 11AA02UID

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11AA020 MICROCHIP-11AA020 Datasheet
597Kb / 38P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA020 MICROCHIP-11AA020 Datasheet
830Kb / 44P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2010
11AA020 MICROCHIP-11AA020 Datasheet
757Kb / 48P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2011
11AA020-E/MNY MICROCHIP-11AA020-E/MNY Datasheet
597Kb / 38P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA020-E/MS MICROCHIP-11AA020-E/MS Datasheet
597Kb / 38P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
More results

Similar Description - 11AA02UID

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02 Datasheet
49Kb / 10P
2K-Bit I2C Serial EEPROM, Serial Presence Detect
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
2K-Bit Microwire Serial EEPROM
CAT93C56 CATALYST-CAT93C56_06 Datasheet
411Kb / 9P
2K-Bit Microwire Serial EEPROM
logo
Microchip Technology
11AA010 MICROCHIP-11AA010 Datasheet
597Kb / 38P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA02E48 MICROCHIP-11AA02E48 Datasheet
277Kb / 18P
2K UNI/O짰 Serial EEPROM with EUI-48??Node Identity
2008
11AA010 MICROCHIP-11AA010_10 Datasheet
830Kb / 44P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2010
11AA010 MICROCHIP-11AA010_11 Datasheet
757Kb / 48P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2011
24AA02UID MICROCHIP-24AA02UID Datasheet
631Kb / 30P
2K I2C??Serial EEPROMs with Unique 32-bit Serial Number
2013
logo
ATMEL Corporation
AT24MAC602 ATMEL-AT24MAC602_14 Datasheet
1Mb / 29P
Plus an Embedded Unique 128-bit Serial Number
logo
Microchip Technology
11AA02E48 MICROCHIP-11AA02E48_16 Datasheet
494Kb / 32P
2K UNI/O짰 Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com