Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11AA02UID Datasheet(PDF) 3 Page - Microchip Technology

Part # 11AA02UID
Description  2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA02UID Datasheet(HTML) 3 Page - Microchip Technology

  11AA02UID Datasheet HTML 1Page - Microchip Technology 11AA02UID Datasheet HTML 2Page - Microchip Technology 11AA02UID Datasheet HTML 3Page - Microchip Technology 11AA02UID Datasheet HTML 4Page - Microchip Technology 11AA02UID Datasheet HTML 5Page - Microchip Technology 11AA02UID Datasheet HTML 6Page - Microchip Technology 11AA02UID Datasheet HTML 7Page - Microchip Technology 11AA02UID Datasheet HTML 8Page - Microchip Technology 11AA02UID Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2013 Microchip Technology Inc.
DS20005206A-page 3
11AA02UID
TABLE 1-3:
AC TEST CONDITIONS
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = 2.5V to 5.5V
TA = -40°C to +85°C
VCC = 1.8V to 2.5V
TA = -20°C to +85°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
1FBUS Serial Bus Frequency
10
100
kHz
—
2TE
Bit Period
10
100
µs
—
3TIJIT
Input Edge Jitter
Tolerance
—±0.06
UI
(Note 3)
4FDRIFT Serial Bus Frequency
Drift Rate Tolerance
—
±0.50
% per byte —
5FDEV Serial Bus Frequency
Drift Limit
—±5
% per
command
—
6TOJIT Output Edge Jitter
—
±0.25
UI
(Note 3)
7TR
SCIO Input Rise Time
(Note 1)
—
100
ns
—
8TF
SCIO Input Fall Time
(Note 1)
—
100
ns
—
9TSTBY Standby Pulse Time
600
—
µs
—
10
TSS
Start Header Setup Time
10
—
µs
—
11
THDR Start Header Low Pulse
Time
5—
µs
—
12
TSP
Input Filter Spike
Suppression (SCIO)
—50
ns
(Note 1)
13
TWC
Write Cycle Time
(byte or page)
—
—
5
10
ms
ms
Write, WRSR commands
ERAL, SETAL commands
14
—
Endurance (per page)
1M
—
cycles
25°C, VCC = 5.5V (Note 2)
Note 1: This parameter is periodically sampled and not 100% tested.
2: This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained on Microchip’s web site at
www.microchip.com.
3:
A Unit Interval (UI) is equal to 1-bit period (TE) at the current bus frequency.
AC Waveform:
VLO = 0.2V
VHI = VCC - 0.2V
CL = 100 pF
Timing Measurement Reference Level
Input
0.5 VCC
Output
0.5 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com