Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11AA02UID Datasheet(PDF) 12 Page - Microchip Technology

Part # 11AA02UID
Description  2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA02UID Datasheet(HTML) 12 Page - Microchip Technology

Back Button 11AA02UID Datasheet HTML 8Page - Microchip Technology 11AA02UID Datasheet HTML 9Page - Microchip Technology 11AA02UID Datasheet HTML 10Page - Microchip Technology 11AA02UID Datasheet HTML 11Page - Microchip Technology 11AA02UID Datasheet HTML 12Page - Microchip Technology 11AA02UID Datasheet HTML 13Page - Microchip Technology 11AA02UID Datasheet HTML 14Page - Microchip Technology 11AA02UID Datasheet HTML 15Page - Microchip Technology 11AA02UID Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
11AA02UID
DS20005206A-page 12
 2013 Microchip Technology Inc.
4.4
Write Enable (WREN) and Write
Disable (WRDI) Instructions
The 11AA02UID contains a write enable latch. See
Table 6-1 for the Write-Protect Functionality Matrix.
This latch must be set before any write operation will be
completed internally. The
WREN instruction will set the
latch, and the
WRDI instruction will reset the latch.
The following is a list of conditions under which the
write enable latch will be reset:
• Power-up
•
WRDI instruction successfully executed
•
WRSR instruction successfully executed
•
WRITE instruction successfully executed
•
ERAL instruction successfully executed
•
SETAL instruction successfully executed
FIGURE 4-4:
WRITE ENABLE COMMAND SEQUENCE
FIGURE 4-5:
WRITE DISABLE COMMAND SEQUENCE
Note:
The
WREN and WRDI instructions must be
terminated with a NoMAK following the
command byte. If a NoMAK is not
received at this point, the command will be
considered invalid, and the device will go
into Idle mode without responding with a
SAK or executing the command.
11
0
1
0
1
00
Start Header
SCIO
Device Address
00
0
0
1
0
10
Command
10
0
1
0
0
11
Standby Pulse
SCIO
11
0
1
0
1
00
Start Header
SCIO
Device Address
00
0
0
1
0
10
Command
01
0
1
0
0
10
Standby Pulse
SCIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com