Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS789PFD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS789PFD
Description  THS789 Quad-Channel Time Measurement Unit (TMU)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS789PFD Datasheet(HTML) 3 Page - Texas Instruments

  THS789PFD Datasheet HTML 1Page - Texas Instruments THS789PFD Datasheet HTML 2Page - Texas Instruments THS789PFD Datasheet HTML 3Page - Texas Instruments THS789PFD Datasheet HTML 4Page - Texas Instruments THS789PFD Datasheet HTML 5Page - Texas Instruments THS789PFD Datasheet HTML 6Page - Texas Instruments THS789PFD Datasheet HTML 7Page - Texas Instruments THS789PFD Datasheet HTML 8Page - Texas Instruments THS789PFD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
21
22
23
24
25
55
54
53
52
51
THS789
EventD
Reserved
Reserved
VCC
GND
MCLK
MCLK
NC
NC
VCC
GND
NC
EventD
GND
GND
EventC
NC
EventC
NC
NC
NC
NC
GND
GND
Reset
TEMP
OT ALARM
NC
GND
SYNC
SYNC
VCC
NC
VCC
EventB
NC
EventB
GND
GND
EventA
NC
EventA
VCC
NC
NC
NC
NC
GND
GND
P0011-03
VCC
THS789
www.ti.com
SLOS776A – SEPTEMBER 2012 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
PFD Package
100-Pin HTQFP
(Top View)
Note: Pin 1 indicator is symbolized with a white dot, and is located near pin 1 corner.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: THS789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com