Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS789PFD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS789PFD
Description  THS789 Quad-Channel Time Measurement Unit (TMU)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS789PFD Datasheet(HTML) 1 Page - Texas Instruments

  THS789PFD Datasheet HTML 1Page - Texas Instruments THS789PFD Datasheet HTML 2Page - Texas Instruments THS789PFD Datasheet HTML 3Page - Texas Instruments THS789PFD Datasheet HTML 4Page - Texas Instruments THS789PFD Datasheet HTML 5Page - Texas Instruments THS789PFD Datasheet HTML 6Page - Texas Instruments THS789PFD Datasheet HTML 7Page - Texas Instruments THS789PFD Datasheet HTML 8Page - Texas Instruments THS789PFD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
SYNC
EVENT
T1
T3
T2
T0429-01
T1-00001100
T2-00111010
T3-11100010
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
THS789
SLOS776A – SEPTEMBER 2012 – REVISED DECEMBER 2015
THS789 Quad-Channel Time Measurement Unit (TMU)
1 Features
3 Description
The THS789 device is a version of the THS788 with
1
•
Four Event Channels + Sync Channel
a reduced number of features.
•
Single-Shot Accuracy: 800 ps
The THS789 is a four-channel timing measurement
•
Precision: 100 ps
unit
(TMU)
that
incorporates
a
time-to-digital
•
Result Interface Range: –7 to 7 s
converter (TDC) architecture for fast and accurate
•
Event Input Rate: 200 MHz
measurements. The TMU can provide less than
800 ps of single-shot accuracy. The TDC has 13 ps
•
High-Speed Serial Host-Processor Bus Interface:
resolution (LSB), which is derived from an external
50 MHz
master clock of 200 MHz. It uses fast LVDS-
•
High-Speed LVDS-Compatible Serial-Result Bus
compatible interfaces for all of its event inputs and
per Channel
serial result outputs, which allows for fast and reliable
•
Temperature Sensor
data transfer. Each channel can process timestamps
at a maximum speed of 200 MSPS.
•
Single 3.3-V Supply
The THS789 has a 40-bit serial-result interface that is
2 Applications
operated at 300 MHz using single data rate clocking.
The event channels can be programmed to take
•
Automatic Test Equipment
timestamps on rising edges or falling edges. Host
•
Benchtop Time-Measurement Equipment
programming
is
achieved
through
a
50-MHz
•
Radar and Sonar
LVCMOS interface.
•
Medical Imaging
The THS789 is available in a HTQFP-100 with a heat
•
Mass Spectroscopy
slug on top for easy heat-sink access. The device is
built using TI's RF SiGe process technology, which
•
Nuclear and Particle Physics
allows for maximum timing accuracy with low power.
•
Laser Distance Measurement
•
Ultrasonic Flow Measurement
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
THS789
HTQFP (100)
14.00 mm × 14.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - THS789PFD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS788 TI1-THS788 Datasheet
855Kb / 43P
QUAD-CHANNEL TIME MEASUREMENT UNIT (TMU)
THS788PFD TI1-THS788PFD Datasheet
855Kb / 43P
QUAD-CHANNEL TIME MEASUREMENT UNIT (TMU)
THS788PFDT TI1-THS788PFDT Datasheet
855Kb / 43P
QUAD-CHANNEL TIME MEASUREMENT UNIT (TMU)
More results

Similar Description - THS789PFD

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C6536 HAMAMATSU-C6536 Datasheet
196Kb / 5P
Multichannel measurement unit
logo
Semtech Corporation
EDGE4707B SEMTECH-EDGE4707B Datasheet
193Kb / 25P
Quad Channel Per-Pin Precision Measurement Unit
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
Dual Channel Per-Pin Parametric Measurement Unit
EDGE4717D SEMTECH-EDGE4717D Datasheet
211Kb / 22P
Quad Channel, Per Pin Precision Measurement Unit
logo
Texas Instruments
THS788 TI1-THS788 Datasheet
855Kb / 43P
QUAD-CHANNEL TIME MEASUREMENT UNIT (TMU)
logo
Epson Company
M-G352 EPSON-M-G352 Datasheet
1Mb / 69P
IMU (Inertial Measurement Unit)
M-G550-PC EPSON-M-G550-PC Datasheet
215Kb / 2P
IMU (Inertial Measurement Unit)
M-G550-PR EPSON-M-G550-PR Datasheet
208Kb / 2P
IMU (Inertial Measurement Unit)
logo
TDK Electronics
DK-42688-P TDK-DK-42688-P Datasheet
225Kb / 1P
IMU (Inertial Measurement Unit)
logo
Pepperl+Fuchs Inc.
IMU360D-F99-B20-V15 PF-IMU360D-F99-B20-V15 Datasheet
1Mb / 6P
Inertial measurement unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com