Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS789PFD Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # THS789PFD
Description  THS789 Quad-Channel Time Measurement Unit (TMU)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS789PFD Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS789PFD Datasheet HTML 10Page - Texas Instruments THS789PFD Datasheet HTML 11Page - Texas Instruments THS789PFD Datasheet HTML 12Page - Texas Instruments THS789PFD Datasheet HTML 13Page - Texas Instruments THS789PFD Datasheet HTML 14Page - Texas Instruments THS789PFD Datasheet HTML 15Page - Texas Instruments THS789PFD Datasheet HTML 16Page - Texas Instruments THS789PFD Datasheet HTML 17Page - Texas Instruments THS789PFD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Data transfer protocol for parallel write operation
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
27
28
HCLK
26
25
29
1
Hdata
A7
A6
A5
A4
A3
R/W
Register Address (A7:A0)
Data In
A1
A2
D14
D13
D2
A0
D12
D1
X
D15
X
R/W
w0
D0
1 clock for next
transaction = 30
st
Hstrobe
1
T0426-01
THS789
SLOS776A – SEPTEMBER 2012 – REVISED DECEMBER 2015
www.ti.com
Programming (continued)
7.5.1.10 Write Operations to Multiple Destinations
This is similar to the single-write operation except the parallel-load bit is set to 1.
Figure 4. Write Operations to Multiple Destinations
7.5.2 Serial-Results Interface and ALU
7.5.2.1 Event Latches
A selectable rising or falling edge of an event pulse sets the latch. The latch remains set until the interpolator has
finished processing the event, at which time the interpolator resets the latch. The latch, however, does not accept
another event pulse until the event input returns to its initial state and remains for the initial event-pulse duration.
Any event transitions which occur before the interpolator has completed processing the previous event are
ignored. For example, assume that rising edge is selected. Two rising edges can occur as quickly as 5 ns apart.
The falling edge can occur anywhere from 250 ps after the rising edge to 250 ps before the next rising edge. Any
other edges or glitches are ignored.
7.5.2.2 FIFO
Timestamps are written to a FIFO at high speed and read for further processing at a lower speed before being
sent to the result interface. This FIFO is 15 bits deep and 40 bits wide. There are four FIFOs in THS789 device,
one for each channel. There are two status registers (FIFO_Full_x and FIFO_Empty_x), which are set when a
FIFO reaches its full capacity and when it is empty, respectively.
Timestamps are taken and loaded into the FIFO as events occur. Timestamps are mathematically processed by
an arithmetic logic unit (ALU) which calculates the difference between the event and the sync timestamps and
factors in the appropriate calibration value from the calibration register. The ALU operates on the data as it is
read out of the FIFO and sent out through the serial-results interface. The serial-results interface controls the
output of the FIFO.
7.5.2.3 Result-Interface Operation
The TMU initiates a read cycle by setting the strobe signal, Rstrobe, to a low state, indicating that the data
transfer is about to begin. The serial Rdata sequence starts with a TAG bit, followed by the 40-bit data (R0 to
R39). R39 (MSB) is the sign bit. Following the last data bit (R39), the strobe signal (Rstrobe) goes high for two
clock cycles, indicating the end of the transaction.
The data is clocked out of the TMU on the rising edge of RCLK. The receiving device clocks the data in on the
rising edge of RCLK. Figure 5 shows a 40-bit result on the result interface.
14
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: THS789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com