Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS789PFD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS789PFD
Description  THS789 Quad-Channel Time Measurement Unit (TMU)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS789PFD Datasheet(HTML) 4 Page - Texas Instruments

  THS789PFD Datasheet HTML 1Page - Texas Instruments THS789PFD Datasheet HTML 2Page - Texas Instruments THS789PFD Datasheet HTML 3Page - Texas Instruments THS789PFD Datasheet HTML 4Page - Texas Instruments THS789PFD Datasheet HTML 5Page - Texas Instruments THS789PFD Datasheet HTML 6Page - Texas Instruments THS789PFD Datasheet HTML 7Page - Texas Instruments THS789PFD Datasheet HTML 8Page - Texas Instruments THS789PFD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
THS789
SLOS776A – SEPTEMBER 2012 – REVISED DECEMBER 2015
www.ti.com
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
EventA
68
LVDS-compatible input
Positive event input for channel A
EventA
66
LVDS-compatible input
Negative event input for channel A
EventB
61
LVDS-compatible input
Positive event input for channel B
EventB
63
LVDS-compatible input
Negative event input for channel B
EventC
8
LVDS-compatible input
Positive event input for channel C
EventC
10
LVDS-compatible input
Negative event input for channel C
EventD
15
LVDS-compatible input
Positive event input for channel D
EventD
13
LVDS-compatible input
Negative event input for channel D
1, 2, 11, 12, 21, 25, 32, 35, 37, 39,
GND
42, 55, 64, 65, 74, 75, 82, 84, 85,
Ground
Chip ground
87, 89, 92, 94
HCLK
34
LVCMOS input
Host serial-interface clock
Hdata
33
LVCMOS I/O
Host serial-interface data I/O
Hstrobe
41
LVCMOS input
Host serial-interface chip select
MCLK
19
LVDS-compatible input
Positive master-clock input
MCLK
20
LVDS-compatible input
Negative master-clock input
3–6, 9, 14, 17, 18, 26, 50, 54, 59,
NC
No connect
Physically not connected to silicon
62, 67, 70–73, 76, 100
OT_ALARM
53
Open-drain output
Overtemperature alarm
RCLK
45
LVDS-compatible output
Positive result-interface clock
RCLK
44
LVDS-compatible output
Negative result-interface clock
RdataA
78
LVDS-compatible output
Positive result-data output for channel A
RdataA
79
LVDS-compatible output
Negative result-data output for channel A
RdataB
49
LVDS-compatible output
Positive result-data output for channel B
RdataB
48
LVDS-compatible output
Negative result-data output for channel B
RdataC
98
LVDS-compatible output
Positive result-data output for channel C
RdataC
97
LVDS-compatible output
Negative result-data output for channel C
RdataD
27
LVDS-compatible output
Positive result-data output for channel D
RdataD
28
LVDS-compatible output
Negative result-data output for channel D
Reserved
23, 24, 90, 91
Engineering or test pins
Connect to VCC
Reset
51
LVCMOS input
Chip reset, active-low
RstrobeA
80
LVDS-compatible output
Positive strobe signal for channel A
RstrobeA
81
LVDS-compatible output
Negative strobe signal for channel A
RstrobeB
47
LVDS-compatible output
Positive strobe signal for channel B
RstrobeB
46
LVDS-compatible output
Negative strobe signal for channel B
RstrobeC
96
LVDS-compatible output
Positive strobe signal for channel C
RstrobeC
95
LVDS-compatible output
Negative strobe signal for channel C
RstrobeD
29
LVDS-compatible output
Positive strobe signal for channel D
RstrobeD
30
LVDS-compatible output
Negative strobe signal for channel D
SYNC
57
LVDS-compatible input
Positive input for sync channel
SYNC
56
LVDS-compatible input
Negative input for sync channel
TEMP
52
Analog output
Die temperature
7, 16, 22, 31, 36, 38, 40, 43, 58,
VCC
Power supply
Positive supply, nominal 3.3 V
60, 69, 77, 83, 86, 88, 93, 99
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: THS789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com