Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS789PFD Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # THS789PFD
Description  THS789 Quad-Channel Time Measurement Unit (TMU)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS789PFD Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS789PFD Datasheet HTML 26Page - Texas Instruments THS789PFD Datasheet HTML 27Page - Texas Instruments THS789PFD Datasheet HTML 28Page - Texas Instruments THS789PFD Datasheet HTML 29Page - Texas Instruments THS789PFD Datasheet HTML 30Page - Texas Instruments THS789PFD Datasheet HTML 31Page - Texas Instruments THS789PFD Datasheet HTML 32Page - Texas Instruments THS789PFD Datasheet HTML 33Page - Texas Instruments THS789PFD Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
0.1-µF and 0.01-µF
decoupling
capacitor pairs for
each VCC pin
100-
resistors are as close
as possible to the device
before vias to the top side to
tie to appropriate pins
THS789
SLOS776A – SEPTEMBER 2012 – REVISED DECEMBER 2015
www.ti.com
Layout Example (continued)
Figure 16. Bottom (Signal Termination and Power Decoupling) Layer Example
10.3 Thermal Considerations
The TMU package provides a thermally conductive heat slug at the top for connection to an additional heatsink.
The TMU can be placed into many different modes for optimization of performance versus power dissipation, and
a table has been provided to help determine the power required. The heat sink should be carefully considered in
order to keep the TMU temperature within required limits and to promote the best temperature stability. The TMU
time measurement drift with temperature is an excellent 0.1 ps/°C. A good heat sink design takes advantage of
the low temperature drift of the TMU.
32
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: THS789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com