Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS789PFD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS789PFD
Description  THS789 Quad-Channel Time Measurement Unit (TMU)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS789PFD Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS789PFD Datasheet HTML 3Page - Texas Instruments THS789PFD Datasheet HTML 4Page - Texas Instruments THS789PFD Datasheet HTML 5Page - Texas Instruments THS789PFD Datasheet HTML 6Page - Texas Instruments THS789PFD Datasheet HTML 7Page - Texas Instruments THS789PFD Datasheet HTML 8Page - Texas Instruments THS789PFD Datasheet HTML 9Page - Texas Instruments THS789PFD Datasheet HTML 10Page - Texas Instruments THS789PFD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
3
4
5
6
7
8
9
0
1
2
3
4
5
6
Sync to Event Delay (ns)
THS789
www.ti.com
SLOS776A – SEPTEMBER 2012 – REVISED DECEMBER 2015
6.6 Host Serial Interface DC Characteristics
over operating junction temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
0.7 × VCC
VCC + 0.5
V
VIL
Low-level input voltage
GND – 0.3
0.3 × VCC
V
VOH
High-level output voltage
VCC – 0.5
VCC + 0.3
V
VOL
Low-level output voltage
0
0.4
V
Ilkg
Leakage current
1
µA
6.7 Host Serial Interface AC Characteristics
over operating junction temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HCLK frequency
50
MHz
Rise and fall times
3.5
ns
HCLK duty cycle
40%
50%
60%
Hstrobe high period between two consecutive transactions
40
ns
Hstrobe low to HCLK high setup
5
ns
HCLK high to Hstrobe high hold time
5
ns
Hdata in to HCLK high setup
5
ns
Hdata in to HCLK high hold time
5
ns
HCLK falling edge to Hdata out (L or H)
CL = 20 pF
3.25
ns
HCLK falling edge to Hdata out (H or L)
CL = 20 pF
3.25
ns
6.8 Power Consumption
Typical conditions are at 55°C junction temperature, VCC = 3.3 V.
CONDITION
TYP
MAX
UNIT
Four channel current
925
1236
mA
6.9 Typical Characteristics
Figure 1. Typical Per Channel Sigmas vs 5-ns (200-MHz) Window
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: THS789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com