Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16PC564BLVIPZG4 Datasheet(PDF) 15 Page - Texas Instruments

Part # TL16PC564BLVIPZG4
Description  PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16PC564BLVIPZG4 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TL16PC564BLVIPZG4 Datasheet HTML 11Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 12Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 13Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 14Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 15Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 16Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 17Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 18Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
TL16PC564BLVI
PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
SLLS627− SEPTEMBER 2004
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
XIN timing requirements over recommended operating free-air temperature range (see Figure 1)
TEST CONDITIONS
MIN
MAX
UNIT
Input frequency
VCC = 3.3 V,
See Note 11
50
MHz
Input frequency
VCC = 5 V
60
MHz
tc1
Cycle time, XIN
VCC = 3.3 V,
See Note 11
20
ns
tc1
Cycle time, XIN
VCC = 5 V
16.7
ns
tw1
Pulse duration, XIN clock high
VCC = 3.3 V,
See Note 11
10
ns
tw1
Pulse duration, XIN clock high
VCC = 5 V
8
ns
tw2
Pulse duration, XIN clock low
VCC = 3.3 V,
See Note 11
10
ns
tw2
Pulse duration, XIN clock low
VCC = 5 V
8
ns
NOTE 11: TL16PC564BLVI device tested at VCC = 3 V.
clock switching characteristics over recommended operating free-air temperature range (see
Figure 1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td1
Delay time, XIN
↑ to UARTCLK↑
VCC = 3.3 V,
See Note 11
14
ns
td1
Delay time, XIN
↑ to UARTCLK↑
VCC = 5 V
8
ns
td2
Delay time, XIN
↓ to UARTCLK↓
VCC = 3.3 V,
See Note 11
16
ns
td2
Delay time, XIN
↓ to UARTCLK↓
VCC = 5 V
10
ns
td3
Delay time, XIN
↑ to UARTCLK↓
VCC = 3.3 V,
See Note 11
19.8
ns
td3
Delay time, XIN
↑ to UARTCLK↓
VCC = 5 V
13
ns
td4
Delay time, XIN
↑ to UARTCLK↑
VCC = 3.3 V,
See Note 11
20.6
ns
td4
Delay time, XIN
↑ to UARTCLK↑
VCC = 5 V
13.5
ns
td5
Delay time, XIN
↓ to UARTCLK↑
VCC = 3.3 V,
See Note 11
21
ns
td5
Delay time, XIN
↓ to UARTCLK↑
VCC = 5 V
13.8
ns
NOTE 11: TL16PC564BLVI device tested at VCC = 3 V.
host CPU I/O read-cycle timing requirements over recommended ranges of operating free-air
temperature and supply voltage (see Figure 2 and Note 12)
MIN
MAX
UNIT
th1
Hold time, HA(9 − 0) valid after IORD
↑
20
ns
th2
Hold time, REG
↑ valid after IORD↑
0
ns
tw4
Pulse duration, IORD low
165
ns
tsu1
Setup time, HA(9 − 0) valid before IORD
↓
70
ns
tsu2
Setup time, CEx
↓ before IORD↓
5
ns
th3
Hold time, CEx
↑ after IORD↑
20
ns
th4
Hold time, HD(7 − 0) valid after IORD
↑
0
ns
tsu3
Setup time, REG
↓ before IORD↓
5
ns
td6
Delay time, HD(7 − 0) valid after IORD
↓
100
ns
NOTE 12: The maximum load on INPACK is one low power shot with 50-pF total load. All timing is measured in nanoseconds.
host CPU I/O read-cycle switching characteristics over recommended ranges of operating free-air
temperature and supply voltage (see Figure 2 and Note 11)
PARAMETER
MIN
MAX
UNIT
td7
Delay time, INPACK
↓ after IORD↓
45
ns
td8
Delay time, INPACK
↑ after IORD↑
45
ns
NOTE 12: The maximum load on INPACK is one low power Schottky (LSTTL) diode with 50-pF total load. All timing is measured in nanoseconds.
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com