Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16PC564BLVIPZG4 Datasheet(PDF) 18 Page - Texas Instruments

Part # TL16PC564BLVIPZG4
Description  PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16PC564BLVIPZG4 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TL16PC564BLVIPZG4 Datasheet HTML 14Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 15Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 16Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 17Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 18Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 19Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 20Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 21Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
TL16PC564BLVI
PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
SLLS627− SEPTEMBER 2004
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
subsystem Intel-mode timing requirements (32 MHz) (see Figure 10)
INTEL
SYMBOL
JEDEC
SYMBOL
MIN
MAX
UNIT
tLHLL
tw11
Pulse duration, ALE high
48
ns
tAVLL
tsu16
Setup time, SA8, SAD(7 − 0) valid to ALE low
21
ns
tPLLL
td25
Delay time, CS low to ALE low
21
ns
tLLAX
th15
Hold time, SA8, SAD(7 − 0) valid after ALE
↓
21
ns
tLLWL
td26
Delay time, ALE low to WR low
16
ns
tLLRL
td27
Delay time, ALE low to RD low
16
ns
tWHLH
td28
Delay time, WR high to ALE high
21
ns
tAFRL
td29
Delay time, SA8, SAD(7 − 0) in high-impedance state to RD low
0
ns
tRLRH
tw12
Pulse duration, RD low
120
ns
tWLWH
tw13
Pulse duration, WR low
120
ns
tRHAX
td30
Delay time, RD high to SA8, SAD(7 − 0) active
48
ns
tWHDX
th16
Hold time, SA8, SAD(7 − 0) valid after WR high
48
ns
tWHPH
td31
Delay time, WR high to CS high
21
ns
tRHPH
td32
Delay time, RD high to CS high
21
ns
tPHPL
tw14
Pulse duration, CS high
21
ns
subsystem Zilog-mode timing requirements (20 MHz) (see Figure 11)
ZILOG
SYMBOL
JEDEC
SYMBOL
MIN
MAX
UNIT
tdA(AS)
tsu17
Setup time, SA8 and SAD(7 − 0) valid before AS high
20
ns
tdAS(A)
td33
Delay time, AS high to SA8 and SAD(7 − 0) invalid
35
ns
tdAS(DR)
td34
Delay time, AS high to data in on SAD(7 − 0)
150
ns
twAS
tw15
Pulse duration, AS low
35
ns
tdA(DS)
td35
Delay time, SA8 and SAD(7 − 0) invalid to DS low
0
ns
twDS(read)
tw16
Pulse duration, DS low (read)
125
ns
twDS(write)
tw17
Pulse duration, DS low (write)
65
ns
tdDS(DR)
td36
Delay time, DS low to data in valid
80
ns
thDS(DR)
th17
Hold time, DS high to data in invalid
0
ns
tdDS(A)
th18
Hold time, DS high to data out invalid
20
ns
tdDS(AS)
td37
Delay time, DS high to AS low
30
ns
tdDO(DS)
td38
Delay time, SAD(7 − 0) (write data from
µP) valid to DS low
10
ns
tdRW(AS)
td39
Delay time, R/W active to AS high
20
ns
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com