Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16PC564BLVIPZG4 Datasheet(PDF) 28 Page - Texas Instruments

Part # TL16PC564BLVIPZG4
Description  PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16PC564BLVIPZG4 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TL16PC564BLVIPZG4 Datasheet HTML 24Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 25Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 26Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 27Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 28Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 29Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 30Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 31Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
TL16PC564BLVI
PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
SLLS627− SEPTEMBER 2004
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
WR or RD
tsu16
td29
td30, th16
td31, td32
tw14
td25
CS
SA8,
SAD(7 − 0)
ALE
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
tw11
th15
td26, td27
td28
µP Data
µP Address
tw12, tw13
Figure 10. Subsystem Intel-Mode Timing Waveforms
µP Out
AS
DS
CS
R/W
SA8,
SAD(7 − 0)
µP Address
td34
90%
10%
td39
10%
10%
10%
10%
90%
10%
µP Data Out
µP Data In
10%
90%
90%
10%
10%
90%
10%
90%
10%
10%
90%
90%
th18
tsu17
td33
td38
th17
td37
td35
td36
tw15
tw17
tw16
90%
90%
10%
90%
90%
90%
NOTE A: Figures 10 and 11 are from the microprocessor perspective, not from the UART perspective.
Figure 11. Subsystem Zilog-Mode Timing Waveforms
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com