Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16PC564BLVIPZG4 Datasheet(PDF) 20 Page - Texas Instruments

Part # TL16PC564BLVIPZG4
Description  PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16PC564BLVIPZG4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TL16PC564BLVIPZG4 Datasheet HTML 16Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 17Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 18Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 19Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 20Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 21Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 22Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 23Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
TL16PC564BLVI
PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
SLLS627− SEPTEMBER 2004
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ARBCLK switching characteristics over recommended operating free-air temperature range (see
Figure 14)
TEST CONDITIONS
MIN
MAX
UNIT
tc4
Cycle time, internal arbitration clock ( ARBCLKI
ARBPGM)
VCC = 3.3 V,
See Note 11
26
Note 14
ns
tc4
Cycle time, internal arbitration clock ( ARBCLKI
÷ ARBPGM)
VCC = 5 V
14
Note 14
ns
tc5
Cycle time, arbitration clock
VCC = 3.3 V,
See Note 11
26
ns
tc5
Cycle time, arbitration clock
VCC = 5 V
14
ns
td42
Delay time, ARBCLKI
↑ to ARBCLK0↑ ( 1)
VCC = 3.3 V,
See Note 11
13
ns
td42
Delay time, ARBCLKI
↑ to ARBCLK0↑ (
÷1)
VCC = 5 V
7.3
ns
td43
Delay time, ARBCLKI
↓ to ARBCLK0↓ ( 1)
VCC = 3.3 V,
See Note 11
15.5
ns
td43
Delay time, ARBCLKI
↓ to ARBCLK0↓ (
÷1)
VCC = 5 V
10
ns
td44
Delay time, ARBCLKI
↑ to ARBCLK0↑ ( 2)
VCC = 3.3 V,
See Note 11
15.3
ns
td44
Delay time, ARBCLKI
↑ to ARBCLK0↑ (
÷2)
VCC = 5 V
8.8
ns
td45
Delay time, ARBCLKI
↑ to ARBCLK0↓ ( 2)
VCC = 3.3 V,
See Note 11
17.5
ns
td45
Delay time, ARBCLKI
↑ to ARBCLK0↓ (
÷2)
VCC = 5 V
11
ns
td46
Delay time, ARBCLKI
↑ to ARBCLK0↑ ( 4)
VCC = 3.3 V,
See Note 11
19.5
ns
td46
Delay time, ARBCLKI
↑ to ARBCLK0↑ (
÷4)
VCC = 5 V
11.5
ns
td47
Delay time, ARBCLKI
↑ to ARBCLK0↓ ( 4)
VCC = 3.3 V,
See Note 11
21.5
ns
td47
Delay time, ARBCLKI
↑ to ARBCLK0↓ (
÷4)
VCC = 5 V
13.5
ns
td48
Delay time, ARBCLKI
↑ to ARBCLK0↑ ( 8)
VCC = 3.3 V,
See Note 11
22.7
ns
td48
Delay time, ARBCLKI
↑ to ARBCLK0↑ (
÷8)
VCC = 5 V
13.5
ns
td49
Delay time, ARBCLKI
↑ to ARBCLK0↓ (
÷8)
VCC = 3.3 V,
See Note 11
25
ns
td49
Delay time, ARBCLKI
↑ to ARBCLK0↓ (
÷8)
VCC = 5 V
15.7
ns
NOTES: 11. TL16PC564BLVI device tested at 3 V.
14. tc4 MAX = N/6, where N = shortest (in ns) of the two attribute-memory accesses, host CPU or subsystem.
reset timing requirements over recommended ranges of operating free-air temperature and supply
voltage (unless otherwise noted) (see Figure 15)
TEST CONDITIONS
MIN
MAX
UNIT
tw22
Pulse duration, RESET active
8
⋅tc5
ns
tw23
Pulse duration, RESET inactive
8
⋅tc5
ns
td50
Delay time, ARBCLKI
↑ to RST low
VCC = 3.3 V,
See Note 11
10.4
ns
td50
Delay time, ARBCLKI
↑ to RST low
VCC = 5 V
7.5
ns
td51
Delay time, ARBCLKI
↑ to RST high impedance
VCC = 3.3 V,
See Note 11
13.9
ns
td51
Delay time, ARBCLKI
↑ to RST high impedance
VCC = 5 V
9.7
ns
NOTE 11: TL16PC564BLVI device tested at 3 V.
subsystem interrupt-request timing requirements over recommended ranges of operating free-air
temperature and supply voltage (see Figure 16)
MIN
MAX
UNIT
td52
Delay time, WE
↑ to IRQ↑ (see Note 15)
2tc5
3tc5
ARBCLKI
cycles
td53
Delay time, SCR bit 6
↑ to IRQ↓ (see Note 16)
tc5
2tc5
ARBCLKI
cycles
NOTES: 11. TL16PC564BLVI device tested at 3 V.
15. Synchronized to rising edge of ARBCLKI
16. Synchronized to falling edge of ARBCLKI
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com