Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16PC564BLVIPZG4 Datasheet(PDF) 14 Page - Texas Instruments

Part # TL16PC564BLVIPZG4
Description  PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16PC564BLVIPZG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL16PC564BLVIPZG4 Datasheet HTML 10Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 11Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 12Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 13Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 14Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 15Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 16Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 17Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
TL16PC564BLVI
PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
SLLS627− SEPTEMBER 2004
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
standard voltage (5 V nominal)
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Input voltage, VI
0
VCC
V
High-level input voltage (CMOS), VIH
0.7 VCC
V
Low-level input voltage (CMOS), VIL
0.2 VCC
V
Output voltage, VO (see Note 4)
0
VCC
V
High-level output current, IOH
All outputs except RST, STSCHG, OUT1, OUT2 (see Note 5)
4
mA
Low-level output current, IOL
All outputs except RST
4
mA
Low-level output current, IOL
RST
8
mA
Input transition time, tt
0
25
ns
Operating free-air temperature range, TA
−40
25
85
°C
Junction temperature range, TJ (see Note 6)
−40
25
115
°C
NOTES:
4. Applies for external output buffers
5. RST, STSCHG, OUT1, and OUT2 are open-drain outputs, so IOH does not apply.
6. These junction temperatures reflect simulation conditions. Absolute maximum junction temperature is 150
°C. The customer is
responsible for verifying junction temperature.
electrical characteristics over recommended ranges of operating free-air temperature and supply
voltage (unless otherwise noted)
low voltage (3.3 V nominal)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High-level output voltage
IOH = rated
VCC −0.55
V
VOL
Low-level output voltage
IOL = rated
0.5
V
VIT +
Positive-going input threshold voltage (see Note 7)
0.7 VCC
V
VIT −
Negative-going input threshold voltage (see Note 7)
0.3 VCC
V
Vhys
Hysteresis (VIT + − VIT −) (see Note 7)
0.1 VCC
0.3 VCC
V
IOZ
3-state-output high-impedance current (see Note 8)
VI = VCC or GND
±10
µA
IIL
Low-level input current (see Note 9)
VI = GND
−1
µA
IIH
High-level input current (see Note 10)
VI = VCC
1
µA
standard voltage (5 V nominal)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High-level output voltage
IOH = rated
VCC −0.8
V
VOL
Low-level output voltage
IOL = rated
0.5
V
VIT +
Positive-going input threshold voltage (see Note 7)
0.7 VCC
V
VIT −
Negative-going input threshold voltage (see Note 7)
0.2 VCC
V
Vhys
Hysteresis (VIT + − VIT −) (see Note 7)
0.1 VCC
0.3 VCC
V
IOZ
3-state-output high-impedance current (see Note 8)
VI = VCC or GND
±10
µA
IIL
Low-level input current (see Note 9)
VI = GND
−1
µA
IIH
High-level input current (see Note 10)
VI = VCC
1
µA
NOTES:
7. Applies for external input and bidirectional buffers with hysteresis
8. The 3-state or open-drain output must be in the high-impedance state.
9. Specifications only apply with pullup terminator turned off.
10. Specifications only apply with pulldown terminator turned off.
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com