Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16PC564BLVIPZG4 Datasheet(PDF) 19 Page - Texas Instruments

Part # TL16PC564BLVIPZG4
Description  PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16PC564BLVIPZG4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TL16PC564BLVIPZG4 Datasheet HTML 15Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 16Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 17Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 18Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 19Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 20Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 21Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 22Page - Texas Instruments TL16PC564BLVIPZG4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
TL16PC564BLVI
PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
SLLS627− SEPTEMBER 2004
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
subsystem Intel nonmultiplexed timing requirements (see Figure 12)
MIN
MAX
UNIT
tsu18
Setup time, SA(8 − 0), CS valid to RD, WR
↓
30
ns
tw18
Pulse duration, RD low
120
ns
tw19
Pulse duration, WR low
120
ns
tsu19
Setup time, SAD(7 − 0) valid to WR
↑
50
ns
ten4
Enable time, RD
↓ to SAD(7−0) driving
5
ns
td40
Delay time, RD
↓ to SAD(7−0) valid
105
ns
th19
Hold time, SA(8 − 0), CS valid after RD, WR
↑
30
ns
th20
Hold time, SAD(7 − 0) valid after WR
↑
30
ns
tdis3
Disable time, RD
↑ to SAD(7−0) high impedance
5
15
ns
subsystem Zilog nonmultiplexed timing requirments (see Figure 13)
MIN
MAX
UNIT
tsu20
Setup time, SA(8 − 0), CS, R/W valid to DS
↓ (write)
90
ns
tsu21
Setup time, SA(8 − 0), CS, R/W valid to DS
↓ (read)
30
ns
tw20
Pulse duration, DS low (write)
65
ns
tw21
Pulse duration, DS low (read)
125
ns
tsu22
Setup time, SAD(7 − 0) valid to DS
↑
50
ns
ten5
Enable time, DS
↓ to SAD(7−0) driving
5
ns
td41
Delay time, DS
↓ to SAD(7−0) valid
105
ns
th21
Hold time, SA(8 − 0), CS, R/W valid after DS
↑
30
ns
th22
Hold time, SAD(7 − 0), CS, R/W valid after DS
↑
30
ns
tdis4
Hold time, DS
↑ to SAD(7−0) high impedance
5
15
ns
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com