Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM63 Datasheet(PDF) 39 Page - Microchip Technology

Part # BM63
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM63 Datasheet(HTML) 39 Page - Microchip Technology

Back Button BM63 Datasheet HTML 35Page - Microchip Technology BM63 Datasheet HTML 36Page - Microchip Technology BM63 Datasheet HTML 37Page - Microchip Technology BM63 Datasheet HTML 38Page - Microchip Technology BM63 Datasheet HTML 39Page - Microchip Technology BM63 Datasheet HTML 40Page - Microchip Technology BM63 Datasheet HTML 41Page - Microchip Technology BM63 Datasheet HTML 42Page - Microchip Technology BM63 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001431A-Page 39
BM63
8.0
ELECTRICAL CHARACTERISTICS
This section provides an overview of the BM63 module electrical characteristics. Additional information will be
provided in future revisions of this document as it becomes available.
Absolute maximum ratings for the BM63 module are listed below. Exposure to these maximum rating conditions for
extended periods may affect device reliability. Functional operation of the device at these or any other conditions, above
the parameters indicated in the operation listings of this specification, is not implied.
Absolute Maximum Ratings
Ambient temperature under bias...............................................................................................................-20°C to +70°C
Storage temperature ...............................................................................................................................-40°C to +125°C
Voltage on VDD with respect to VSS ......................................................................................................... -0.3V to +3.6V
Maximum output current sink by any I/O pin..........................................................................................................12 mA
Maximum output current sourced by any I/O pin....................................................................................................12 mA
Note:
Stresses listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. The functional operation of the device at those or any other conditions and those
indicated in the operation listings of this specification, is not implied. Exposure to maximum rating condi-
tions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com