Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM63 Datasheet(PDF) 8 Page - Microchip Technology

Part # BM63
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM63 Datasheet(HTML) 8 Page - Microchip Technology

Back Button BM63 Datasheet HTML 4Page - Microchip Technology BM63 Datasheet HTML 5Page - Microchip Technology BM63 Datasheet HTML 6Page - Microchip Technology BM63 Datasheet HTML 7Page - Microchip Technology BM63 Datasheet HTML 8Page - Microchip Technology BM63 Datasheet HTML 9Page - Microchip Technology BM63 Datasheet HTML 10Page - Microchip Technology BM63 Datasheet HTML 11Page - Microchip Technology BM63 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
BM63
DS60001431A-Page 8
Advance Information
 2016 Microchip Technology Inc.
Table 1-1 provides the key features of the BM63 module.
TABLE 1-1:
BM63 KEY FEATURES
Feature
BM63
Application
Multi-speaker/Soundbar/Subwoofer
Stereo/mono
Stereo
Pin count
48
Dimensions (mm2)
15 x 32
PCB antenna
Yes
Tx power (typical)
2 dBm
Audio DAC output
2 Channel
DAC (single-ended) SNR at 2.8V (dB)
-98
DAC (capless) SNR at 2.8V (dB)
-98
ADC SNR at 2.8V (dB)
-92
I2S digital interface
Yes
Analog AUX-In
Yes
Mono MIC
1
External audio amplifier interface
Yes
UART
Yes
LED driver
3
Internal DC-DC step-down regulator
Yes
DC 5V adapter input
Yes
Battery charger (350 mA max)
Yes
ADC for thermal charger protection
No
Undervoltage protection (UVP)
No
GPIO
15
Button support
6
NFC (triggered by external NFC)
Yes
EEPROM
Yes
Customized voice prompt
No
Multitone
Yes
DSP sound effect
Yes
BLE
Yes
Bluetooth profiles
HFP
1.6
AVRCP
1.6
A2DP
1.3
HSP
1.2
SPP
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com