Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM63 Datasheet(PDF) 40 Page - Microchip Technology

Part # BM63
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM63 Datasheet(HTML) 40 Page - Microchip Technology

Back Button BM63 Datasheet HTML 36Page - Microchip Technology BM63 Datasheet HTML 37Page - Microchip Technology BM63 Datasheet HTML 38Page - Microchip Technology BM63 Datasheet HTML 39Page - Microchip Technology BM63 Datasheet HTML 40Page - Microchip Technology BM63 Datasheet HTML 41Page - Microchip Technology BM63 Datasheet HTML 42Page - Microchip Technology BM63 Datasheet HTML 43Page - Microchip Technology BM63 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
BM63
DS60001431A-Page 40
Advance Information
 2016 Microchip Technology Inc.
Note:
These parameters are characterized but not tested in manufacturing.
Note 1:
Headroom = VADAP_IN – VBAT
2:
When VADAP_IN – VBAT > 2V, the maximum fast charge current is 175 mA for thermal protection.
3:
These parameters are characterized but not tested in manufacturing.
TABLE 8-1:
RECOMMENDED OPERATING CONDITION
Symbol
Parameter
Min.
Typical
Max.
Unit
BAT_IN
Input voltage for battery
3.2
3.8
4.2
V
ADAP_IN
Input voltage for adapter
4.5
5
5.5
V
TOPERATION
Operation temperature
-20
+25
+70
ºC
TABLE 8-2:
I/O AND RESET LEVEL
Parameter
Min.
Typical
Max.
Unit
I/O Supply Voltage (VDD_IO)
3.0
3.3
3.6
V
I/O Voltage Levels
VIL input logic levels low
0
–
0.8
V
VIH input logic levels high
2.0
–
3.6
V
VOL output logic levels low
–
–
0.4
V
VOH output logic levels high
2.4
–
–
V
RST_N
Threshold voltage
–
0.8
–
V
TABLE 8-3:
BATTERY CHARGER(1,3)
Parameter
Min.
Typical
Max.
Unit
ADAP_IN Input Voltage
4.5
5.0
5.5
V
Supply current to charger only
–
3
4.5
mA
Maximum Battery
Fast Charge Current
Headroom > 0.7V
(ADAP_IN = 5V)
–350
–
mA
Headroom = 0.3V~0.7V
(ADAP_IN = 4.5V)
–175(2)
–mA
Trickle Charge Voltage Threshold
–3
–
V
Battery Charge Termination Current,
(% of Fast Charge Current)
–10
–
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com