Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM63 Datasheet(PDF) 13 Page - Microchip Technology

Part # BM63
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM63 Datasheet(HTML) 13 Page - Microchip Technology

Back Button BM63 Datasheet HTML 9Page - Microchip Technology BM63 Datasheet HTML 10Page - Microchip Technology BM63 Datasheet HTML 11Page - Microchip Technology BM63 Datasheet HTML 12Page - Microchip Technology BM63 Datasheet HTML 13Page - Microchip Technology BM63 Datasheet HTML 14Page - Microchip Technology BM63 Datasheet HTML 15Page - Microchip Technology BM63 Datasheet HTML 16Page - Microchip Technology BM63 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001431A-Page 13
BM63
2.0
AUDIO
The input and output audios have different stages and
each stage can be programmed to vary the character-
istics of the gain response. For microphones, both sin-
gle-ended inputs and differential inputs are supported.
To maintain a high-quality signal, a stable bias voltage
source to the condenser microphone’s FET is provided.
The DC blocking capacitors can be used at positive
and negative sides of the input. Internally, this analog
signal is converted to 16-bit, 8/16 kHz linear PCM data.
2.1
Digital Signal Processor
Digital Signal Processor (DSP) is used to perform
speech and audio processing. The advanced speech
features, such as acoustic echo cancellation and noise
reduction are in-built. To reduce nonlinear distortion
and help echo cancellation, an outgoing signal level to
the speaker is monitored and adjusted to avoid satura-
tion of speaker output or microphone input. Adaptive fil-
tering is also applied to track the echo path impulse in
response to provide echo free and full-duplex user
experience. The embedded noise reduction algorithm
helps to extract clean speech signals from a noisy input
captured by the microphones, and improves mutual
understanding in communication.
Advanced audio features, such as multi-band dynamic
range control, parametric multi-band equalizer, audio
widening and virtual bass are in-built. The audio effect
algorithms
improve
the
user’s
audio
listening
experience in terms of better quality after audio signal
processing.
Figure 2-1 and Figure 2-2 illustrate the processing flow
of speaker-phone applications for speech and audio
signal processing.
FIGURE 2-1:
SPEECH SIGNAL PROCESSING
FIGURE 2-2:
AUDIO SIGNAL PROCESSING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com