Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM63 Datasheet(PDF) 43 Page - Microchip Technology

Part # BM63
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM63 Datasheet(HTML) 43 Page - Microchip Technology

Back Button BM63 Datasheet HTML 39Page - Microchip Technology BM63 Datasheet HTML 40Page - Microchip Technology BM63 Datasheet HTML 41Page - Microchip Technology BM63 Datasheet HTML 42Page - Microchip Technology BM63 Datasheet HTML 43Page - Microchip Technology BM63 Datasheet HTML 44Page - Microchip Technology BM63 Datasheet HTML 45Page - Microchip Technology BM63 Datasheet HTML 46Page - Microchip Technology BM63 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001431A-Page 43
BM63
Note 1:
Test condition: VCC_RF = 1.28V with temperature +25 ºC.
2:
These parameters are characterized but not tested in manufacturing.
Note 1:
The measurement data corresponds to Firmware v1.0.
2:
Mode definition:
Stand-by mode: Power-on without Bluetooth link
Link mode: With Bluetooth link in Low-Power mode.
3:
The current consumption values are measured with the BM63 EVB as a test platform, with BAT_IN = 3.8V.
The distance between the smartphone and BM63 EVB is 30 cm, and the speaker is without loading.
TABLE 8-8:
RECEIVER SECTION FOR BDR AND EDR(1,2)
Modulation
Min.
Typical
Max.
Bluetooth
specification
Unit
Sensitivity at 0.1% BER
GFSK
–
-89
–
≤-70
dBm
Sensitivity at 0.01%
BER
π/4 DQPSK
–
-90
–
≤-70
dBm
8 DPSK
–
-83
–
≤-70
dBm
TABLE 8-9:
SYSTEM CURRENT CONSUMPTION OF BM63(2,3)
System Status
Typical(1)
Max.
Unit
System-off mode
–
10
μA
Stop advertising (Samsung S5 (SM-G900I)/Android™ 4.4.2)
Stand-by mode
0.57
–
mA
Link mode
0.5
–
mA
ESCO link
15.1
–
mA
A2DP link
14.3
–
mA
Stop advertising (iPhone® 6/iOS 8.4)
Stand-by mode
0.6
–
mA
Link mode
0.6
–
mA
SCO link
15.3
–
mA
A2DP link
15.4
–
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com