Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM63 Datasheet(PDF) 2 Page - Microchip Technology

Part # BM63
Description  Bluetooth짰 4.2 Stereo Audio Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM63 Datasheet(HTML) 2 Page - Microchip Technology

  BM63 Datasheet HTML 1Page - Microchip Technology BM63 Datasheet HTML 2Page - Microchip Technology BM63 Datasheet HTML 3Page - Microchip Technology BM63 Datasheet HTML 4Page - Microchip Technology BM63 Datasheet HTML 5Page - Microchip Technology BM63 Datasheet HTML 6Page - Microchip Technology BM63 Datasheet HTML 7Page - Microchip Technology BM63 Datasheet HTML 8Page - Microchip Technology BM63 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
BM63
DS60001431A-Page 2
Advance Information
 2016 Microchip Technology Inc.
RF/Analog
• Frequency spectrum: 2.402 GHz to 2.480 GHz
• Receive sensitivity: -90 dBm (2 Mbps EDR)
• Class 2 output power (+2 dBm typical)
HCI Interface
• High-speed HCI-UART interface (supports up to
921,600 bps)
MAC/Baseband Processor
• Supports Bluetooth 4.2 dual-mode (FW
dependent)
- BR/EDR transport for audio, voice and SPP
data exchange
- BLE transport for proprietary transparent
service and ANCS data exchange
Operating Condition
• Operating voltage: 3.2V to 4.2V
• Operating temperature: -20°C to +70°C
Compliance
• Bluetooth SIG QDID: 83345
Applications
• Soundbar and Subwoofer (FW dependent)
• Bluetooth portable speaker phone
• Multi-speaker (FW dependent)
Description
The BM63 module is a fully qualified Bluetooth v4.2
dual-mode (BDR/EDR/BLE) module for designers to
add wireless audio and voice applications to their
products. The BM63 module is a Bluetooth Special
Interest Group (SIG) certified module that provides a
complete wireless solution with a Bluetooth stack and
an integrated PCB antenna in a compact surface-
mount package.
The BM63 module has an integrated lithium-ion and
lithium-polymer battery charger, and a digital audio
interface. The module supports HSP, HFP, SPP, A2DP
and AVRCP profiles, and AAC and SBC codecs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com