Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3923 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP3923
Description  Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3923 Datasheet(HTML) 2 Page - Texas Instruments

  LP3923 Datasheet HTML 1Page - Texas Instruments LP3923 Datasheet HTML 2Page - Texas Instruments LP3923 Datasheet HTML 3Page - Texas Instruments LP3923 Datasheet HTML 4Page - Texas Instruments LP3923 Datasheet HTML 5Page - Texas Instruments LP3923 Datasheet HTML 6Page - Texas Instruments LP3923 Datasheet HTML 7Page - Texas Instruments LP3923 Datasheet HTML 8Page - Texas Instruments LP3923 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
LP3923
SNVS567B – APRIL 2010 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
The Li-Ion charger can safely charge and maintain a single cell Li-Ion battery operating from an AC adapter. The
charger integrates a power FET, a reverse current blocking diode, a sense resistor with current monitor output,
and requires only a few external components. Charging is thermally regulated to obtain the most efficient
charging rate for a given ambient temperature.
A built-in Over-Voltage Protection (OVP) circuit at the charger inputs protects the PMU from input voltages up to
+28V, eliminating the need for any external protection circuitry.
Buck regulator has an automatic switch to PFM mode at low load conditions providing very good efficiency at low
output currents. An external divider circuitry provides user defined buck output voltage.
A-type LDO regulators provide excellent PSRR and very low noise, 10 µV typ., ideally suited for supplying
voltage to RF and other analog sections.
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com