Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3923 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP3923
Description  Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3923 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP3923 Datasheet HTML 13Page - Texas Instruments LP3923 Datasheet HTML 14Page - Texas Instruments LP3923 Datasheet HTML 15Page - Texas Instruments LP3923 Datasheet HTML 16Page - Texas Instruments LP3923 Datasheet HTML 17Page - Texas Instruments LP3923 Datasheet HTML 18Page - Texas Instruments LP3923 Datasheet HTML 19Page - Texas Instruments LP3923 Datasheet HTML 20Page - Texas Instruments LP3923 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
LP3923
www.ti.com
SNVS567B – APRIL 2010 – REVISED MAY 2013
Table 9. Register 0x1C – MISC Control 1
EN_APU_TSD
0 - do not start PMU automatically after TSD event
1 - start PMU automatically after TSD event
PS_HOLD_DELAY
0 - PMU powerdown after PS_HOLD has been low for 35 ms
1 - PMU powerdown after PS_HOLD has been low for 350 ms
LDO OUTPUT VOLTAGE PROGRAMMING
The following table summarizes the supported output voltages for LP3923. Default voltages after start-up
sequences have been highlighted in bold.
Data Code LDO_Vx_OP[x]
LDOx [V]
Data Code LDO_Vx_OP[x]
LDOx [V]
8h'00
1.20
8h'10
2.20
8h'01
1.25
8h'11
2.40
8h'02
1.30
8h'12
2.50
8h'03
1.35
8h'13
2.60
8h'04
1.40
8h'14
2.65
8h'05
1.45
8h'15
2.70
8h'06
1.50
8h'16
2.75
8h'07
1.55
8h'17
2.80
8h08
1.60
8h'18
2.85
8h'09
1.65
8h'19
2.90
8h'0A
1.70
8h'1A
2.95
8h'0B
1.75
8h'1B
3.00(1)
8h'0C
1.80(1)
8h'1C
3.05
8h'0D
1.85
8h'1D
3.10
8h'0E
1.90
8h'1E
3.20
8h'0F
2.00
8h'1F
3.3
(1)
See Table 1.
CHARGING CURRENT PROGRAMMING
Table 10. The following table summarizes the supported currents for LP3923.
PROG_ ICHG[4]
PROG_ ICHG[3]
PROG_ ICHG[2]
PROG_ ICHG[1]
PROG_ ICHG[0]
ICHG (mA)
0
0
0
0
0
50
0
0
0
0
1
100
0
0
0
1
0
150
0
0
0
1
1
200
0
0
1
0
0
250
0
0
1
0
1
300
0
0
1
1
0
350
0
0
1
1
1
400 (Default)
0
1
0
0
0
450
0
1
0
0
1
500
0
1
0
1
0
550
0
1
0
1
1
600
0
1
1
0
0
650
0
1
1
0
1
700
0
1
1
1
0
750
0
1
1
1
1
800
1
0
0
0
0
850
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com