Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3923 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP3923
Description  Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3923 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP3923 Datasheet HTML 19Page - Texas Instruments LP3923 Datasheet HTML 20Page - Texas Instruments LP3923 Datasheet HTML 21Page - Texas Instruments LP3923 Datasheet HTML 22Page - Texas Instruments LP3923 Datasheet HTML 23Page - Texas Instruments LP3923 Datasheet HTML 24Page - Texas Instruments LP3923 Datasheet HTML 25Page - Texas Instruments LP3923 Datasheet HTML 26Page - Texas Instruments LP3923 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
(duty cycle = 50%)
IOUTMAX
2
IRMS =
IRMS = IOUTMAX x
x
VOUT
VIN
1-
©
§
VOUT
VIN
L t
VOUT
VIN x f
©
§
x
VIN - VOUT
IPP
©
§
LP3923
www.ti.com
SNVS567B – APRIL 2010 – REVISED MAY 2013
ILOAD = load current
IRIPPLE = average to peak inductor current
VIN
= input voltage
L
= inductor inductance
f
= switching frequency
Method 2
A more conservative approach is to choose an inductor that can handle the maximum current limit of 1500 mA.
Given a peak-to-peak current ripple (IPP) the inductor needs to be at least:
(4)
A 2.2 µH inductor with a saturation current rating of at least 1500 mA is recommended for most applications. The
inductor’s resistance should be less than 0.3
Ω for good efficiency. The below table suggests inductors and
suppliers.
For low-cost applications, an unshielded bobbin inductor is suggested. For noise critical applications, a toroidal or
shielded-bobbin inductor should be used. A good practice is to lay out the board with overlapping footprints of
both types for design flexibility. This allows substitution of a low-noise toroidal inductor, in the event that noise
from low-cost bobbin models is unacceptable.
Table 16. Suggested Inductors and Their Suppliers (Preliminary and Untested)
Model
Vendor
Dimensions (mm)
DC R(max)
DO3314-222MXC
Coilcraft
3.3 x 3.3 x 1.4
200 m
Ω
LPO3310-222MX
Coilcraft
3.3 x 3.3 x 1.0
150 m
Ω
ELL5GM2R2N
Panasonic
5.2 x 5.2 x x 1.5
53 m
Ω
CDRH2D142R2
Sumida
3.2 x 3.2 x 1.55
94 m
Ω
INPUT CAPACITOR SELECTION
A ceramic input capacitor of 10 µF is sufficient for most applications. A larger value may be used for improved
input voltage filtering. Use X7R or X5R type capacitors, do not use Y5V. The DC bias characteristics of ceramic
capacitors must be considered when selecting case sizes of 0805 or smaller for use in the application. Smaller
case sizes in many cases exhibit a large drop in capacitance value as the DC bias increases.
The input filter capacitor supplies current to the PFET switch of the converter in the first half of each cycle and
reduces voltage ripple imposed on the input power source. A ceramic capacitor’s low ESR provides the best
noise filtering of the input voltage spikes due to this rapidly changing current. Select an input filter capacitor with
a surge current rating sufficient for the power-up surge from the input power source. The power-up surge current
is approximately the capacitor’s value (µF) times the voltage rise rate (V/µs).
The input current ripple can be calculated as:
(5)
The worst case IRMS is:
(6)
OUTPUT CAPACITOR SELECTION
A 10 µF capacitor is recommended for use at the output of the buck converter. Use X7R or X5R type capacitors;
do not use Y5V. The DC bias characteristics of ceramic capacitors must be considered when selecting case
sizes of 0805 or smaller for use in the application. Smaller case sizes in many cases exhibit a large drop in
capacitance value as the DC bias increases. DC bias characteristics vary from manufacturer to manufacturer and
dc bias curves should be requested from them as part of the capacitor selection process.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com