Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3923 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP3923
Description  Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3923 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP3923 Datasheet HTML 12Page - Texas Instruments LP3923 Datasheet HTML 13Page - Texas Instruments LP3923 Datasheet HTML 14Page - Texas Instruments LP3923 Datasheet HTML 15Page - Texas Instruments LP3923 Datasheet HTML 16Page - Texas Instruments LP3923 Datasheet HTML 17Page - Texas Instruments LP3923 Datasheet HTML 18Page - Texas Instruments LP3923 Datasheet HTML 19Page - Texas Instruments LP3923 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
LP3923
SNVS567B – APRIL 2010 – REVISED MAY 2013
www.ti.com
Table 5. Register 0x00 – OP_EN1
BUCK_PWM
0 - Auto mode PFM/PWM
1 - Buck forced PWM mode
EN_BUCK
0 - disable Buck
1 - enable Buck
EN_LDO8
0 - disable LDO8
1 - enable LDO8
EN_LDO7
0 - disable LDO7
1 - enable LDO7
EN_LDO2
0 - disable LDO2 on LP3923TL/X and -VI; enable on LP3923TL/X-VB
1 - enable LDO2 on LP3923TL/X and -VI; disable on LP3923TL/X-VB
EN_LDO1
0 - disable LDO1 on LP3923TL/X and -VI; enable on LP3923TL/X-VB
1 - enable LDO1 on LP3923TL/X and -VI; disable on LP3923TL/X-VB
Table 6. Register 0x0C (Read Only) – Status 1
PWR_ON_TRIG
0 - system was not powered on by PWR_ON input
1 - system was powered on by PWR_ON input
HF_PWR_TRIG
0 - system was not powered on by HF_PWR input
1 - system was powered on by HF_PWR input
CHG_IN_TRIG
0 - system was not powered on by connecting AC adapter
1 - system was powered on by connecting AC adapter
TSD_H
0 - Thermal Shutdown threshold not exceeded
1 - Thermal Shutdown threshold exceeded (cause Power Down sequence)
TSD_L
0 - chip temperature has not been over TSD early warning threshold
1 - chip temperature has been over TSD early warning threshold
FF
0 - Buck output voltage out of range
1 - Buck output voltage within range
Table 7. Register 0x13 (Read Only) – CHARGER Status 1
BATT_OVER_OUT
0 - battery voltage is in normal range
1- battery voltage is over critical limit
CHGIN_OK_OUT
0 - voltage is not connected to AC adapter input
1 - voltage is connected to AC adapter input
EOC
0 - charging current is above EOC current level
1 - charging current is below EOC current level
TOUT_FULLRATE
0 - no time out occurred in Constant Current mode
1 - time out occurred in Constant Current mode
TOUT_PRECHG
0 - no time out occurred in pre-charge mode
1 - time out occurred in pre-charge mode
FULLRATE
0 - charger is not in CC or CV mode
1 - charger is in CC or CV mode
PRECHG
0 - charger is not in pre-charge mode
1 - charger is in pre-charge mode
Table 8. Register 0x14 (Read Only) – CHARGER Status 2
TOUT_CONSTV
0 - no time out occurred in Constant Voltage mode
1 - time out occurred in Constant Voltage mode
BAD_BATT
0 - charger has not detected a bad battery
1 - charger has detected a bad battery
16
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com