Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3923 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP3923
Description  Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3923 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP3923 Datasheet HTML 16Page - Texas Instruments LP3923 Datasheet HTML 17Page - Texas Instruments LP3923 Datasheet HTML 18Page - Texas Instruments LP3923 Datasheet HTML 19Page - Texas Instruments LP3923 Datasheet HTML 20Page - Texas Instruments LP3923 Datasheet HTML 21Page - Texas Instruments LP3923 Datasheet HTML 22Page - Texas Instruments LP3923 Datasheet HTML 23Page - Texas Instruments LP3923 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
4.2V Default
VRESTART (4.10V Default)
1C
IEOC (0.15C Default)
50 mA
VFULLRATE
TIME
Battery Voltage
Charging Current
Full Rate Mode
4.2V constant voltage
Full Rate Mode
selectable constant current (C)
VBATT < VTERM
ICHG > EOC
VBATT = VTERM
ICHG 7 EOC
VBATT < VFULL_RATE
VBATT < VRESTART
Maintenance Mode
zero current
Precharge Mode
50 mA constant current
4.5V
7 VCHG_IN 7 6.8V
Charger OFF
zero current
From any mode:
or I
2
C disable received
VCHG_IN < 4.5V
or VCHG_IN > 6.8V
VBATT < VFULL_RATE
LP3923
SNVS567B – APRIL 2010 – REVISED MAY 2013
www.ti.com
TERMINATION AND RESTART
The termination and restart voltage levels are determined by the data in the VTERM[1:0] and PROG_VSTRT[1:0]
bits in the control register. The restart voltage is programmed relative to the selected termination voltage.
Figure 2. Simplified Charger Functional State Diagram (when EOC is enabled)
Figure 3. Charging Cycle Diagram
20
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com