Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3923 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LP3923
Description  Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3923 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP3923 Datasheet HTML 26Page - Texas Instruments LP3923 Datasheet HTML 27Page - Texas Instruments LP3923 Datasheet HTML 28Page - Texas Instruments LP3923 Datasheet HTML 29Page - Texas Instruments LP3923 Datasheet HTML 30Page - Texas Instruments LP3923 Datasheet HTML 31Page - Texas Instruments LP3923 Datasheet HTML 32Page - Texas Instruments LP3923 Datasheet HTML 33Page - Texas Instruments LP3923 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
R/W
S
Slave Address
(7 bits)
'0' A
A
Control Register Add.
(8 bits)
From Slave to Master
From Master to Slave
Slave Address
(7 bits)
A
Sr
'1'
R/W
Data transferred, byte +
Ack/NAck
Register Data
(8 bits)
P
A - ACKNOWLEDGE (SDA Low)
S - START CONDITION
P - STOP CONDITION
NA - ACKNOWLEDGE (SDA High)
Sr - REPEATED START CONDITION
Direction of the transfer
will change at this point
NA
A/
R/W
S
Slave Address
(7 bits)
'0' A
A
A P
Control Register Add.
(8 bits)
(8 bits)
Register Data
Data transferred, byte +
Ack
A - ACKNOWLEDGE (SDA Low)
S - START CONDITION
P - STOP CONDITION
From Slave to Master
From Master to Slave
LP3923
SNVS567B – APRIL 2010 – REVISED MAY 2013
www.ti.com
•
Master sends control register address (8 bits).
•
Slave sends acknowledge signal.
•
Master device generates repeated start condition.
•
Master sends the slave address (7 bits) and the data direction bit (r/w = “1”).
•
Slave sends acknowledge signal if the slave address is correct.
•
Slave sends data byte from addressed register.
•
If the master device sends acknowledge signal, the control register address will be incremented by one. Slave
device sends data byte from addressed register.
•
Read cycle ends when the master does not generate acknowledge signal after data byte and generates stop
condition.
Address Mode(1)
Data Read
<Start Condition>
<Slave Address><r/w = ‘0’>[Ack]
<Register Addr.>[Ack]
<Repeated Start Condition>
<Slave Address><r/w = ‘1’>[Ack]
[Register Data]<Ack or NAck>
… additional reads from subsequent register address possible
<Stop Condition>
Data Write
<Start Condition>
<Slave Address><r/w = ‘0’>[Ack]
<Register Addr.>[Ack]
<Register Data>[Ack]
… additional writes to subsequent register address possible
<Stop Condition>
(1)
< > Data from master [ ] Data from slave
REGISTER READ AND WRITE DETAIL
Figure 11. Register Write Format
Figure 12. Register Read Format
30
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com