Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3923TL/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LP3923TL/NOPB
Description  Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3923TL/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP3923TL/NOPB Datasheet HTML 22Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 23Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 24Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 25Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 26Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 27Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 28Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 29Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
0
1.0
2.0
_
3.0
_
4.0
_
5.0
_
DC BIAS (V)
100%
80%
60%
40%
_
20%
_
0402, 6.3V, X5R
0603, 10V, X5R
LP3923
SNVS567B – APRIL 2010 – REVISED MAY 2013
www.ti.com
Figure 6. Graph Showing A Typical Variation in Capacitance vs DC Bias
Ceramic capacitors have the lowest ESR values, thus making them best for eliminating high frequency noise.
The ESR of a typical 1 µF ceramic capacitor is in the range of 10 m
Ω to 40 mΩ, and also meets the ESR
requirement for stability.
The temperature performance of ceramic capacitors varies by type. Capacitor type X7R is specified with a
tolerance of ±15% over the temperature range –55°C to +125°C. The X5R has a similar tolerance over the
reduced temperature range of –55°C to +85°C. Most large value ceramic capacitors (
≥ 2.2 µF) are manufactured
with Z5U or Y5V temperature characteristics, which results in the capacitance dropping by more than 50% as the
temperature goes from +25°C to +85°C. Therefore X7R is recommended over these other capacitor types in
applications where the temperature will change significantly above or below +25°C.
No-Load Stability
The LDOs on the LP3923 will remain stable and in regulation with no external load.
LDO Output Capacitors, Recommended Specification(1)
Symbol
Parameter
Type
Typ
Min
Max
Units
CO(LDO1)
Capacitance
X5R, X7R
1.0
0.7
2.2
µF
CO(LDO2)
Capacitance
X5R, X7R
1.0
0.7
2.2
µF
CO(LDO3)
Capacitance
X5R, X7R
1.0
0.7
2.2
µF
CO(LDO4)
Capacitance
X5R, X7R
1.0
0.7
2.2
µF
CO(LDO5)
Capacitance
X5R, X7R
1.0
0.7
2.2
µF
CO(LDO6)
Capacitance
X5R, X7R
1.0
0.7
2.2
µF
CO(LDO7)
Capacitance
X5R, X7R
1.0
0.7
2.2
µF
CO(LDO8)
Capacitance
X5R, X7R
1.0
0.7
2.2
µF
(1)
The capacitor tolerance should be 30% or better over the full temperature range. X7R, or X5R capacitors should be used. These
specifications are given to ensure stability of the supply outputs and care must be taken to ensure that the capacitance remains within
these values over all conditions within the application. See Capacitor Characteristics section in Application Information.
26
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com