Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3923TL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP3923TL/NOPB
Description  Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3923TL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3923TL/NOPB Datasheet HTML 4Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 5Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 6Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 7Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 8Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 9Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 10Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 11Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
LP3923
SNVS567B – APRIL 2010 – REVISED MAY 2013
www.ti.com
General Electrical Characteristics (continued)
Unless otherwise noted, VIN (= VIN1 = VIN2 = VINB = BATT) = 3.6V, GND = 0V, CVIN1–2 = CVINB = 10 µF, CLDOx = 1 µF.
Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the
entire junction temperature range for operation, TA = TJ = −40°C to +125°C.
(1)
Limit
Symbol
Parameter
Conditions
Typ
Units
Min
Max
IQ(STANDBY)
Standby Supply
VIN = 3.6V, UVLO on, internal logic circuit
2
10
µA
Current
on, all other circuits off.
IQ(SLEEP)
Sleep Mode
Buck, LDO1, LDO2, LDO3 and LDO7
Current
enabled
130
400
µA
@ 0 load
POWER MONITOR FUNCTIONS
Battery Under-Voltage Lockout
VUVLO-R
Under Voltage
VIN Rising
3.00
2.85
3.15
Lock-out Rising
V
VUVLO-F
Under Voltage
VIN Falling (LP3923-VC)
2.80
2.65
2.95
Lock-out Falling
THERMAL SHUTDOWN
Higher Threshold
See(2)
160
°C
LOGIC AND CONTROL INPUTS
VIL
Input Low Level
PS_HOLD, SDA, SCL, RX_EN, TCXO_EN,
0.25*
V
TX_EN
VLDO3
PWR_ON, HF_PWR, SEL
0.25*
V
VBATT
VIH
Input High Level
PS_HOLD, SDA, SCL, RX_EN, TCXO_EN,
0.75*
V
TX_EN
VLDO3
PWR_ON, HF_PWR, SEL
0.75*
V
VBATT
IIL
Logic Input
All logic inputs except PWR_ON, HF_PWR.
–5
+5
µA
Current
0V
≤ VINPUT ≤ VBATT
RIN
Input Resistance
PWR_ON and HF_PWR Pull-Down
500
k
Ω
resistance to GND(3)
LOGIC AND CONTROL OUTPUTS
VOL
Output Low Level PON_N, RESET_N, SDA, ACOK_N
0.25*
V
IOUT = 2 mA
VLDO3
VOH
Output High
PON_N, RESET_N, ACOK_N
0.75*
Level
IOUT = −2 mA
V
VLDO3
(Not applicable to Open Drain Output SDA)
(2)
Ensured by design.
(3)
Ensured by design.
LDO1, LDO2 (LILO) Electrical Characteristics
Unless otherwise noted, if SEL=GND, then VIN=VIN1=BATT=3.6V, if SEL=BATT, then VIN=VIN1=VBUCK, GND = 0V, CV!N1-2
= 10 µF, CLDOx= 1 µF. Note VINMIN is the greater of 3.0V or VOUT +0.5V. Typical values and limits appearing in normal type
apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, TA = TJ
=
−40°C to +125°C.
(1)
Limit
Unit
Symbol
Parameter
Conditions
Typical
s
Min
Max
VOUT
Output Voltage Accuracy
IOUT = 1 mA, VOUT = 3.0V
−2
+2
%
−3
+3
Default Output Voltage
SEL = GND
3.0
V
SEL = BATT
1.8
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com