Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3923TL/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP3923TL/NOPB
Description  Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3923TL/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3923TL/NOPB Datasheet HTML 5Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 6Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 7Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 8Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 9Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 10Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 11Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 12Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
LP3923
www.ti.com
SNVS567B – APRIL 2010 – REVISED MAY 2013
LDO1, LDO2 (LILO) Electrical Characteristics (continued)
Unless otherwise noted, if SEL=GND, then VIN=VIN1=BATT=3.6V, if SEL=BATT, then VIN=VIN1=VBUCK, GND = 0V, CV!N1-2
= 10 µF, CLDOx= 1 µF. Note VINMIN is the greater of 3.0V or VOUT +0.5V. Typical values and limits appearing in normal type
apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, TA = TJ
=
−40°C to +125°C.
(1)
Limit
Unit
Symbol
Parameter
Conditions
Typical
s
Min
Max
IOUT
Output Current
VINMIN ≤ VIN ≤ 5.5V
300
mA
Output Current Limit
VOUT = 0V
600
VDO
Dropout Voltage
IOUT =300 mA
(2) (3)
135
180
mV
ΔVOUT
Line Regulation
VINMIN ≤ VIN ≤ 5.5V
2
IOUT = 1 mA
mV
Load Regulation
1 mA
≤ IOUT ≤ 300 mA
5
PSRR
Power Supply Ripple
F = 10 kHz, COUT = 1 µF,
60
dB
Rejection Ratio
VOUT = 3.0V, IOUT = 20 mA
(2)
tSTART-UP
Start-Up Time from Shut-
COUT = 1 µF, IOUT = 300 mA
(2)
35
µs
down
TTransient
Start-Up Transient
COUT = 1 µF, IOUT = 300 mA
(2)
30
mV
Overshoot
(2)
Ensured by design.
(3)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This
specification does not apply in cases it implies operation with an input voltage below the 2.5V minimum appearing under Operating
Ratings. For example, this specification does not apply for devices having 1.5V outputs because the specification would imply operation
with an input voltage at or about 1.5V.
LDO3 (D-Type) Electrical Characteristics
Unless otherwise noted, VIN=VIN2=BATT=3.6V, GND = 0V, CV!N1-2 = 10 µF, CLDOx= 1 µF. Note VINMIN is the greater of 3.0V or
VOUT +0.5V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply
over the entire junction temperature range for operation, TA = TJ = −40°C to +125°C.
(1)
Limit
Symbol
Parameter
Conditions
Typical
Units
Min
Max
VOUT
Output Voltage Accuracy
IOUT = 1 mA, VOUT = 3.0V
−2
+2
%
−3
+3
Default Output Voltage
3.0
V
IOUT
Output Current
VINMIN ≤ VIN ≤ 5.5V
300
mA
Output Current Limit
VOUT = 0V
600
VDO
Dropout Voltage
IOUT = 300 mA
(2) (3)
135
250
mV
ΔVOUT
Line Regulation
VINMIN ≤ VIN ≤ 5.5V
2
IOUT = 1 mA
mV
Load Regulation
1 mA
≤ IOUT ≤ 300 mA
5
eN
Output Noise Voltage
10 Hz
≤ f ≤ 100 kHz,
35
µVRMS
COUT = 1 µF
(2)
PSRR
Power Supply Ripple Rejection
F = 10 kHz,
Ratio
COUT = 1 µF,
60
dB
IOUT = 20 mA
(2)
tSTART-UP
Start-Up Time from Shut-down
COUT = 1 µF, IOUT = 300 mA
(2)
35
µs
TTransient
Start-Up Transient Overshoot
COUT = 1 µF, IOUT = 300 mA
(2)
30
mV
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Ensured by design.
(3)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This
specification does not apply in cases it implies operation with an input voltage below the 2.5V minimum appearing under Operating
Ratings. For example, this specification does not apply for devices having 1.5V outputs because the specification would imply operation
with an input voltage at or about 1.5V.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com