Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3923TL/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP3923TL/NOPB
Description  Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3923TL/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3923TL/NOPB Datasheet HTML 3Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 4Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 5Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 6Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 7Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 8Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 9Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 10Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
LP3923
www.ti.com
SNVS567B – APRIL 2010 – REVISED MAY 2013
Absolute Maximum Ratings
(1) (2) (3)
CHG_IN (VBATT=2.8-5.5V)
−0.3V to +28V
VBATT=VIN1-2, BATT, HF_PWR, VINB
−0.3V to +6.0V
All other inputs
−0.3V to VBATT+0.3V, max 6.0V
Junction Temperature (TJ-MAX)
150°C
Storage Temperature
−40°C to +150°C
Max Continuous Power Dissipation(4)
Internally Limited
PD-MAX
(5)
ESD(6)
BATT, VIN1, VIN2, HF_PWR, CHG_IN, PWR_ON, VINB
8 kV HBM
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured. Operating Ratings do not imply specified performance limits. For specified performance limits and
associated test conditions, see the Electrical Characteristics tables.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Care must be exercised where high power dissipation is likely. The maximum ambient temperature may have to be derated. Maximum
ambient temperature (TA-MAX) is dependant on the maximum operating junction temperature (TJ-MAX-OP), the maximum power
dissipation of the device in the application (PD-MAX), and the junction to ambient thermal resistance of the package in the application
(
θJA). This relationship is given by the following equation: TA-MAX = TJ-MAX-OP - (θJA x PD-MAX)
(5)
Internal Thermal Shutdown circuitry protects the device from permanent damage.
(6)
The human-body model is 100 pF discharged through 1.5 k
Ω. The machine model is a 200 pF capacitor discharged directly into each
pin, MIL-STD-883 3015.7.
Operating Ratings
(1) (2)
CHG_IN(3)
4.5 to 6.8V
VBATT = VIN1-2, BATT, VINB
3.0V to 5.5V
HF_PWR, PWR_ON
0V to 5.5V
ACOK_N, SDA, SCL, RX_EN, TX_EN, TCXO_EN, PS_HOLD, RESET_N
0V to (VLDO + 0.3V)
All other pins
0V to VBATT + 0.3V)
Junction Temperature (TJ)
−40°C to +125°C
Ambient Temperature (TA)
(4)
−40°C to +85°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured. Operating Ratings do not imply specified performance limits. For specified performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Full charging current is ensured for CHG_IN = 4.5 to 6.8V, but particularly at higher input voltages. Increased power dissipation may
cause the thermal regulation to limit the current to a safe level, resulting in longer charging time.
(4)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
Thermal Properties
(5)
Junction-to-Ambient Thermal
Resistance (
θJA)
(Jedec Standard Thermal PCB)
DSBGA 30
39°C/W
(5)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
General Electrical Characteristics
Unless otherwise noted, VIN (= VIN1 = VIN2 = VINB = BATT) = 3.6V, GND = 0V, CVIN1–2 = CVINB = 10 µF, CLDOx = 1 µF.
Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the
entire junction temperature range for operation, TA = TJ = −40°C to +125°C.
(1)
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com