Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3923TL/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP3923TL/NOPB
Description  Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3923TL/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3923TL/NOPB Datasheet HTML 10Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 11Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 12Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 13Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 14Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 15Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 16Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 17Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
LP3923
SNVS567B – APRIL 2010 – REVISED MAY 2013
www.ti.com
POWER UP AND POWER DOWN SEQUENCES
(1)
CHG_IN is edge sensitive and HF_PWR is level sensitive at startup in STANDBY mode and level sensitive in
POWER-ON-RESET mode.
(2)
PWR_ON is level sensitive at startup. PS_HOLD must be asserted before PWR_ON goes LOW to keep PMU
powered. PWR_ON input is not monitored after PMU is powered up (PS_HOLD asserted).
(3)
PON_N is a direct inversion of PWR_ON input when LDO3 is powered up (no power-on switch debouncing on
PON_N output).
(4)
The input signal which activates Power Up sequence (either PWR_ON or CHG_IN or HF_PWR) must be on when
PS_HOLD is asserted.
(5)
Time delay between the PS_HOLD going low and the start of Power Down sequence depends on PS_HOLD_DELAY
setting (0=35ms, 1=350ms) (typ.).
Figure 1. Power Up and Power Down Timing Diagram
14
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com