Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3923TL/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3923TL/NOPB
Description  Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3923TL/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LP3923TL/NOPB Datasheet HTML 1Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 2Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 3Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 4Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 5Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 6Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 7Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 8Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
LDO1
1 µF
CORE
1.8V/3.0V
@300 mA
LDO2
1 µF
FLASH
1.8V/3.0V
@300 mA
RX_EN
TCXO
3.0V
@80 mA
1 µF
LDO4
1 µF
DIGI
3.0V
@300 mA
LDO3
TCXO_EN
LDO5
1 µF
RX
3.0V
@150 mA
TX
3.0V
@150 mA
LDO6
1 µF
LDO7
GP
3.0V
@150 mA
1 µF
1 µF
LDO8
VIBRATOR
3.0V
@150 mA
LDO2
LILO
LDO1
LILO
LDO4
A-type
LDO3
D-type
LDO5
A-type
LDO6
A-type
LDO7
A-type
LDO8
D-type
10 µF
C1
R1
R2
2.2 µH
SW
FB
GNDB
CHG_IN
1 µF
AC Adapter or USB
BUCK/CORE
0.8V...2.5V
@700 mA
VINB
10 µF
VBATT
Buck
SDA
SCL
PON_N
PS_HOLD
RESET_N
PWR_ON
1.5k
LDO3
LDO3
10 µF
10 µF
LP3923
Serial Interface
&
Control
VBATT
Charger
ACOK_N
LDO3
IMON
28V OVP & Rev.
Current Blocking
Voltage
Reference
Thermal
Shutdown
1.5k
SEL
TX_EN
HF_PWR
VBATT
UVLO
C3
R3
C2
VBATT
LP3923
www.ti.com
SNVS567B – APRIL 2010 – REVISED MAY 2013
Typical Application Diagram
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com