Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907TL-JSXS/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907TL-JSXS/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907TL-JSXS/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP3907TL-JSXS/NOPB Datasheet HTML 13Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 14Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 15Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 16Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 17Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 18Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 19Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 20Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
OSC
Logic Control
and
Registers
I
2C
SW2
VFB2
Cvdd
4.7PF
nPOR
BUCK1
BUCK2
Lsw1
SW1
VFB1
LDO2
RESET
LDO2
GND_C
BIAS
Thermal
Shutdown
Power On
Reset
Lsw1
VINLDO1
VBUCK2
LDO1
LDO1
Cldo1
VinLDO12
Cldo2
Power
ON-OFF
Logic
VBUCK1
EN_T
ENLDO1
ENLDO2
ENSW 1
ENSW 2
VINLDO2
AVDD
AVDD
1 uF
+
VDD
RDY1
RDY2
ULVO
Vin OK
100k
10PF
1PF
1PF
1PF
Li-ion/polymer cell 3.3V - 4.2V
DC SOURCE
4.5V - 5.5V
GND_L
GND_SW2
GND_SW1
I
2
C_SDA
I
2
C_SCL
1.8V
0.47 PF
0.47 PF
3.3V
10 PF
3.3V
10 PF
1.2V
2.2 PH
2.2 PH
10 PF
Copyright © 2016, Texas Instruments Incorporated
17
LP3907
www.ti.com
SNVS511S – JUNE 2007 – REVISED APRIL 2016
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
For default values of the regulators, consult Table 3.
8 Detailed Description
8.1 Overview
The LP3907 supplies the various power needs of the application by means of two linear low drop regulators
(LDO1 and LDO2) and two buck converters (SW1 and SW2). Table 4 lists the output characteristics of the
various regulators.
Table 4. Supply Specification
SUPPLY (1)
LOAD
OUTPUT
VOUT RANGE (V)
RESOLUTION (mV)
IMAX
MAXIMUM OUTPUT CURRENT (mA)
LDO1
analog
1 to 3.5
100
300
LDO2
analog
1 to 3.5
100
300
SW1
digital
0.8 to 2
50
1000
SW2
digital
1 to 3.5
100
600
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com