Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907TL-JSXS/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907TL-JSXS/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907TL-JSXS/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3907TL-JSXS/NOPB Datasheet HTML 8Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 9Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 10Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 11Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 12Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 13Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 14Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 15Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
SUPPLY VOLTAGE (V)
1.85
1.83
1.81
1.79
1.77
1.75
2.7
3.3
3.8
4.4
4.9
IOUT = 20 mA
IOUT = 750 mA
IOUT = 1.0A
SUPPLY VOLTAGE (V)
3.35
3.33
3.31
3.29
3.27
3.25
4.0
4.5
5.0
5.5
IOUT = 20 mA
IOUT = 300 mA
IOUT = 600 mA
TEMPERATURE (°C)
0.15
0.12
0.09
0.06
0.03
0.00
-40
-20
0
20
40
60
80
VIN = 2.7V
VIN = 3.6V
VIN = 5.5V
SUPPLY VOLTAGE (V)
1.05
1.03
1.01
0.99
0.97
0.95
2.5
3.0
3.5
4.0
4.5
5.0
5.5
IOUT = 20 mA
IOUT = 750 mA
IOUT = 1.0A
12
LP3907
SNVS511S – JUNE 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.12 Typical Characteristics — Bucks
VIN= 2.8 V to 5.5 V, TA = 25°C
Figure 10. Shutdown Current vs. Temp
VOUT = 1 V
Figure 11. Output Voltage vs. Supply Voltage
VOUT = 1.8 V
Figure 12. Output Voltage vs. Supply Voltage
VOUT = 3.5 V
Figure 13. Output Voltage vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com