Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907TL-JSXS/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907TL-JSXS/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907TL-JSXS/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP3907TL-JSXS/NOPB Datasheet HTML 22Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 23Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 24Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 25Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 26Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 27Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 28Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 29Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
Delay Mask Counter
Delay Mask Counter
Q
Q
R
S
Delay
nPOR
EN1
RDY1
EN2
RDY2
POR
26
LP3907
SNVS511S – JUNE 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Figure 38. Design Implementation of the Flexible Power-On Reset
An internal power-on reset of the device is used with EN1, and EN2 to produce a reset signal (LOW) to the delay
timer nPOR. EN1 and RDY1 or EN2 and RDY2 are used to generate the set signal (HIGH) to the delay timer. S
= R = 1 never occurs. The mask timers are triggered off EN1 and EN2 which are gated with RDY1, and RDY2 to
generate outputs to the final AND gate to generate the nPOR.
8.3.4 Undervoltage Lockout
The LP3907 features an undervoltage lockout circuit. The function of this circuit is to continuously monitor the
raw input supply voltage (VINLDO12) and automatically disables the four voltage regulators whenever this supply
voltage is less than 2.8 VDC.
The circuit incorporates a bandgap based circuit that establishes the reference used to determine the 2.8 VDC
trip point for a VIN OK – Not OK detector. This VIN OK signal is then used to gate the enable signals to the four
regulators of the device. When VINLDO12 is greater than 2.8 VDC the four enables control the four regulators,
when VINLDO12 is less than 2.8 VDC the four regulators are disabled by the VIN detector being in the “Not OK”
state. The circuit has built-in hysteresis to prevent chattering occurring.
8.4 Device Functional Modes
8.4.1 Shutdown Mode
During shutdown the PFET switch, reference, control and bias circuitry of the converters are turned off. The
NFET switch is on in shutdown to discharge the output. When the converter is enabled, soft start is activated. It
is recommended to disable the converter during the system power up and undervoltage conditions when the
supply is less than 2.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com