Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907TL-JSXS/NOPB Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907TL-JSXS/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907TL-JSXS/NOPB Datasheet(HTML) 38 Page - Texas Instruments

Back Button LP3907TL-JSXS/NOPB Datasheet HTML 34Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 35Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 36Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 37Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 38Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 39Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 40Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 41Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
38
LP3907
SNVS511S – JUNE 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
D7-D5
D4
D3-D2
D1
D0
Name
—
BP_UVLO
TPOR
BK_SLOMOD
BK_SSEN
Access
—
R/W
R/w
R/W
R/W
Data
Reserved
Bypass UVLO
monitoring
0 - Allow UVLO
1 - Disable UVLO
nPOR Delay Timing
00 - 50 µs
01 - 50 ms
10 - 100 ms
11 - 200 ms
Buck Spread Spectrum
Modulation
0 – 10 kHz triangular wave
1 – 2 kHz triangular wave
Spread Spectrum
Function Output
0 – Disabled
1 – Enabled
Reset
000
Factory-Programmed
Default
01
1
0
8.6.1.14 LDO1 Control Register (LDO1VCR) – 0x39
This register allows the user to program the output target voltage of LDO 1.
For “JJ11” voltage options LDO1 has a fixed output voltage of 2.85 V.
D7-D5
D4-D0
Name
—
LDO1_OUT
Access
—
R/W
Data
Reserved
LDO1 Output voltage (V)
5’h00
1.0
5’h01
1.1
5’h02
1.2
5’h03
1.3
5’h04
1.4
5’h05
1.5
5’h06
1.6
5’h07
1.7
5’h08
1.8
5’h09
1.9
5’h0A
2.0
5’h0B
2.1
5’h0C
2.2
5’h0D
2.3
5’h0E
2.4
5’h0F
2.5
5’h10
2.6
5’h11
2.7
5’h12
2.8
5’h13
2.9
5’h14
3.0
5’h15
3.1
5’h16
3.2
5’h17
3.3
5’h18
3.4
5’h19
3.5
5’h1A–5’h1F
3.5
Reset
000
Factory-Programmed Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com