Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907TL-JSXS/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907TL-JSXS/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907TL-JSXS/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP3907TL-JSXS/NOPB Datasheet HTML 1Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 2Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 3Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 4Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 5Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 6Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 7Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 8Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
LP3907
VINLDO1
SDA
GND_L
LDO1
ENLDO1
SCL
VIN1
LDO2
SW2
FB2
VIN2
GND_SW2
ENSW1
ENSW2
VINLDO2
EN_T
ENLDO2
GND_C
AVDD
VINLDO12
DAP
0.47 PF
1 PF
1 PF
0.47 PF
2.2 PH
10 PF
10 PF
1 PF
1 PF
10 PF
GND_SW1
SW1
FB1
10 PF
2.2 PH
nPOR
VDD
100k
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP3907
SNVS511S – JUNE 2007 – REVISED APRIL 2016
LP3907 Dual High-Current Step-Down DC-DC and Dual Linear Regulator With I2C Interface
1
1 Features
1
•
Input Voltage Range: 2.8 V to 5.5 V
•
Compatible with Advanced Applications
Processors and FPGAs
•
2 LDOs for Powering Internal Processor Functions
and I/Os
•
High-Speed Serial Interface for Independent
Control of Device Functions and Settings
•
Precision Internal Reference
•
Thermal Overload Protection
•
Current Overload Protection
•
Software Programmable Regulators
•
External Power-On-Reset Function for Buck1 and
Buck2 (Power Good with Delay Function)
•
Undervoltage Lockout Detector to Monitor Input
Supply Voltage
•
Step-Down DC-DC Converter (Buck)
–
Programmable VOUT from:
–
Buck1 : 0.8 V–2 V at 1 A
–
Buck2 : 1 V–3.5 V at 600 mA
–
Up to 96% Efficiency
–
2.1-MHz PWM Switching Frequency
–
PWM-to-PFM Automatic Mode Change
Under Low Loads
–
±3% Output Voltage Accuracy
–
Automatic Soft Start
•
Linear Regulators (LDO)
–
Programmable VOUT of 1 V to 3.5 V
(except JJ11, FX6W, and JX6X options)
–
±3% Output Voltage Accuracy
–
300-mA Output Current
–
30-mV (typical) Dropout
2 Applications
•
FPGA, DSP Core Power
•
Applications Processors
•
Peripheral I/O Power
•
Hearing Aids
•
Electronic Measurement Units
•
Equipment Run-Off of Battery Backup
3 Description
The LP3907 is a multi-function, programmable power
management unit (PMU) optimized for low-power
FPGAs, microprocessors, and DSPs. This device
integrates two highly efficient 1-A/600-mA step-down
DC-DC converters with dynamic voltage management
(DVM), two 300-mA linear regulators, and a 400-kHz
I2C interface to allow a host controller access to the
internal control registers of the device. The LP3907
additionally
features
programmable
power-on
sequencing.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
LP3907
WQFN (24)
4.00 mm × 4.00 mm
(NOM)
DSBGA (25)
2.521 mm × 2.521 mm
(MAX)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit


Similar Part No. - LP3907TL-JSXS/NOPB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP3907TL-JSXS INTERSIL-LP3907TL-JSXS Datasheet
2Mb / 44P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
December 12, 2007
More results

Similar Description - LP3907TL-JSXS/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3907 NSC-LP3907 Datasheet
2Mb / 42P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
December 12, 2007
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480 NSC-LM26480_10 Datasheet
2Mb / 30P
Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
Texas Instruments
LM26480SQ-AA_NOPB TI1-LM26480SQ-AA_NOPB Datasheet
6Mb / 37P
LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
LP3907 TI1-LP3907_14 Datasheet
3Mb / 57P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
LP3906 TI1-LP3906 Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
Dual High-Current Step-Down DC-DC And Dual Linear Regulator
logo
National Semiconductor ...
LP3906 NSC-LP3906 Datasheet
1Mb / 38P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com