Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907TL-JSXS/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907TL-JSXS/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907TL-JSXS/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP3907TL-JSXS/NOPB Datasheet HTML 16Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 17Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 18Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 19Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 20Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 21Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 22Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 23Page - Texas Instruments LP3907TL-JSXS/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
High PFM Threshold
~1.016 * Vout
Low1 PFM Threshold
~1.008 * Vout
PFM Mode at Light Load
PWM Mode at
Moderate to Heavy
Loads
Pfet on
until
Ipfm limit
reached
Nfet on
drains
inductor
current
until
I inductor = 0
High PFM
Voltage
Threshold
reached,
go into
sleep mode
Low PFM
Threshold,
turn on
PFET
Current load
increases,
draws Vout
towards
Low2 PFM
Threshold
Low2 PFM Threshold,
switch back to PWMmode
Load current
increases
Low2 PFM Threshold
Vout
VIN
80:
IPFM = 66 mA +
20
LP3907
SNVS511S – JUNE 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Feature Description (continued)
During PFM operation, the converter positions the output voltage slightly higher than the nominal output voltage
during PWM operation, allowing additional headroom for voltage drop during a load transient from light to heavy
load. The PFM comparators sense the output voltage via the feedback pin and control the switching of the output
FETs such that the output voltage ramps between 0.8% and 1.6% (typical) above the nominal PWM output
voltage. If the output voltage is below the low PFM comparator threshold, the PMOS power switch is turned on. It
remains on until the output voltage exceeds the ‘high’ PFM threshold or the peak current exceeds the IPFM level
set for PFM mode. The typical peak current in PFM mode is:
(4)
Once the PMOS power switch is turned off, the NMOS power switch is turned on until the inductor current ramps
to zero. When the NMOS zero-current condition is detected, the NMOS power switch is turned off. If the output
voltage is below the high PFM comparator threshold (see Figure 31), the PMOS switch is again turned on and
the cycle is repeated until the output reaches the desired level. Once the output reaches the high PFM threshold,
the NMOS switch is turned on briefly to ramp the inductor current to zero and then both output switches are
turned off and the part enters an extremely low power mode. Quiescent supply current during this sleep mode is
less than 30 µA, which allows the part to achieve high efficiencies under extremely light load conditions. When
the output drops below the low PFM threshold, the cycle repeats to restore the output voltage to approximately
1.6% above the nominal PWM output voltage.
If the load current increases during PFM mode (see Figure 31) causing the output voltage to fall below the ‘low2’
PFM threshold, the part automatically transitions into fixed-frequency PWM mode.
8.3.2.7 SW1, SW2 Operation
SW1 and SW2 have selectable output voltages ranging from 0.8 V to 3.5 V (typical). Both SW1 and SW2 in the
LP3907 are I2C register controlled and are enabled by default through the internal state machine of the device
following a power-on event that moves the operating mode to the Active state. (See Flexible Power Sequencing
of Multiple Power Supplies.) The SW1 and SW2 output voltages revert to default values when the power-on
sequence has been completed. The default output voltage for each buck converter is factory programmable.
(See Application and Implementation.)
8.3.2.8 SW1, SW2 Control Registers
SW1, SW2 can be enabled/disabled through the corresponding control register.
The Modulation mode PWM/PFM is by default automatic and depends on the load as described above in the
functional description. The modulation mode can be overridden by setting I2C bit to a logic 1 in the corresponding
buck control register, forcing the buck to operate in PWM mode regardless of the load condition.
Figure 31. Operation in PFM Mode and Transfer to PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com