Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907TL-PLNTO/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907TL-PLNTO/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907TL-PLNTO/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LP3907TL-PLNTO/NOPB Datasheet HTML 1Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 2Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 3Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 4Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 5Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 6Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 7Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 8Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
3
LP3907
www.ti.com
SNVS511S – JUNE 2007 – REVISED APRIL 2016
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
5 Device Comparison Tables
Table 1. Default I2C Addresses
PACKAGE TYPE
DEFAULT I2C ADDRESS
24-lead WQFN
60
25-bump DSBGA
61
(1)
VIN+ is the largest potential voltage on the device.
Table 2. Power Block
POWER BLOCK INPUT
POWER BLOCK OPERATION
NOTE
ENABLED
DISABLED
VINLDO12
VIN+(1)
VIN+
Always powered
AVDD
VIN+
VIN+
Always powered
VIN1
VIN+
VIN+
VIN2
VIN+
VIN+
LDO1
≤ VIN+
≤ VIN+
If enabled, minimum VIN is 1.74 V
LDO2
≤ VIN+
≤ VIN+
If enabled, minimum VIN is 1.74 V
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
Voltage is fixed and not programmable.
Table 3. Default Device Options
PART NUMBER(1)(2)
BUCK1
BUCK2
LDO1
LDO2
BUCK MODES
DEFAULT EN_T
DELAY
DEFAULT UVLO
LP3907SQ-PXPP/NOPB
1.5 V
3.3 V
2.5 V
2.5 V
Auto-Mode
010
Enabled
LP3907SQX-PXPP/NOPB
1.5 V
3.3 V
2.5 V
2.5 V
Auto-Mode
010
Enabled
LP3907SQ-TJXIP/NOPB
1.2 V
3.3 V
1.8 V
2.5 V
Forced PWM
001
Enabled
LP3907SQX-TJXIP/NOPB
1.2 V
3.3 V
1.8 V
2.5 V
Forced PWM
001
Enabled
LP3907SQ-JXQX/NOPB
1.2 V
3.3 V
2.6 V
3.3 V
Auto-Mode
010
Enabled
LP3907SQX-JXQX/NOPB
1.2 V
3.3 V
2.6 V
3.3 V
Auto-Mode
010
Enabled
LP3907SQ-JYQX/NOPB
1.2 V
3.4 V
2.6 V
3.3 V
Auto-Mode
010
Enabled
LP3907SQX-JYQX/NOPB
1.2 V
3.4 V
2.6 V
3.3 V
Auto-Mode
010
Enabled
LP3907SQ-PJXIX/NOPB
1.2 V
3.3 V
1.8 V
3.3 V
Forced PWM
010
Enabled
LP3907SQX-PJXIX/NOPB
1.2 V
3.3 V
1.8 V
3.3 V
Forced PWM
010
Enabled
LP3907SQ-PFX6W/NOPB
1 V
3.3 V
2.65 V(3)
3.2 V
Forced PWM
010
Enabled
LP3907SQX-PFX6W/NOPB
1 V
3.3 V
2.65 V(3)
3.2V
Forced PWM
010
Enabled
LP3907SQ-BJX6X/NOPB
1.2 V
3.3 V
2.65 V(3)
3.3 V
Forced PWM
010
Disabled
LP3907SQX-BJX6X/NOPB
1.2V
3.3 V
2.65 V(3)
3.3 V
Forced PWM
010
Disabled
LP3907SQ-BJXQX/NOPB
1.2 V
3.3 V
2.6 V
3.3 V
Forced PWM
010
Disabled
LP3907SQX-BJXQX/NOPB
1.2 V
3.3 V
2.6 V
3.3 V
Forced PWM
010
Disabled
LP3907SQ-BJYQX/NOPB
1.2 V
3.4 V
2.6 V
3.3 V
Forced PWM
010
Disabled
LP3907SQX-BJYQX/NOPB
1.2 V
3.4 V
2.6 V
3.3 V
Forced PWM
010
Disabled
LP3907SQ-BJXIX/NOPB
1.2 V
3.3 V
1.8 V
3.3 V
Forced PWM
010
Disabled
LP3907SQX-BJXIX/NOPB
1.2 V
3.3 V
1.8 V
3.3 V
Forced PWM
010
Disabled
LP3907SQ-BFX6W/NOPB
1 V
3.3 V
2.65 V(3)
3.2 V
Forced PWM
010
Disabled
LP3907SQX-BFX6W/NOPB
1 V
3.3 V
2.65 V(3)
3.2 V
Forced PWM
010
Disabled
LP3907SQ-VRZX/NOPB
1.8 V
2.7 V
3.5 V
3.3 V
Auto-Mode
010
Enabled
LP3907SQX-VRZX/NOPB
1.8 V
2.7 V
3.5 V
3.3 V
Auto-Mode
010
Enabled
LP3907TL-JJ11/NOPB
1.2 V
1.8 V
2.85 V(3)
2.85 V(3)
Auto-Mode
010
Enabled
LP3907TLX-JJ11/NOPB
1.2 V
1.8 V
2.85 V(3)
2.85 V(3)
Auto-Mode
010
Enabled
LP3907TL-JSXS/NOPB
1.2 V
2.8 V
3.3 V
2.8 V
Auto-Mode
010
Enabled
LP3907TLX-JSXS/NOPB
1.2 V
2.8 V
3.3 V
2.8 V
Auto-Mode
010
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com