Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907TL-PLNTO/NOPB Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907TL-PLNTO/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907TL-PLNTO/NOPB Datasheet(HTML) 41 Page - Texas Instruments

Back Button LP3907TL-PLNTO/NOPB Datasheet HTML 37Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 38Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 39Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 40Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 41Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 42Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 43Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 44Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
L t
VIN - VOUT
IPP
x
x
VOUT
VIN ¹
·
©
§
f
1
©
§
¹
·
©
§
¹
·
where
Iripple =
VIN - VOUT
2L
x
x
VOUT
VIN ¹
·
©
§
f
1
©
§
¹
·
©
§
¹
·
Isat > Ioutmax + Iripple
41
LP3907
www.ti.com
SNVS511S – JUNE 2007 – REVISED APRIL 2016
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.2 Detailed Design Procedure
9.2.2.1 Component Selection
9.2.2.1.1
Inductors for SW1 And SW2
There are two main considerations when choosing an inductor; the inductor must not saturate and the inductor
current ripple is small enough to achieve the desired output voltage ripple. Care must be taken when reviewing
the different saturation current ratings that are specified by different manufacturers. Saturation current ratings are
typically specified at 25ºC, so ratings at maximum ambient temperature of the application must be requested
from the manufacturer.
There are two methods to choose the inductor saturation current rating:
9.2.2.1.1.1
Method 1:
The saturation current is greater than the sum of the maximum load current and the worst case average-to-peak
inductor current. This can be written as follows:
where
•
IRIPPLE = Maximum load current
•
IOUTMAX = Average to peak inductor current
•
VIN = Maximum input voltage to the buck
•
L = Min inductor value including worse case tolerances (30% drop can be considered for method 1)
•
f = Minimum switching frequency (1.6 MHz)
•
VOUT = Buck output voltage
(6)
9.2.2.1.1.2
Method 2:
A more conservative and recommended approach is to choose an inductor that has saturation current rating
greater than the maximum current limit of 1250 mA for Buck1 and 1750 mA for Buck2.
Given a peak-to-peak current ripple (IPP) the inductor needs to be at least
(7)
space
Table 8. Suggested Inductor Values
INDUCTOR
VALUE (µH)
DESCRIPTION
NOTES
LSW1,2
2.2
SW1,2 inductor
DCR: 70 m
Ω
9.2.2.1.2
External Capacitors
The regulators on the LP3907 require external capacitors for regulator stability. These are specifically designed
for portable applications requiring minimum board space and smallest components. These capacitors must be
correctly selected for good performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com