Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907TL-PLNTO/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907TL-PLNTO/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907TL-PLNTO/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP3907TL-PLNTO/NOPB Datasheet HTML 26Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 27Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 28Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 29Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 30Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 31Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 32Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 33Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
30
LP3907
SNVS511S – JUNE 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8.6 Register Maps
8.6.1 LP3907 Control Registers
REGISTER
ADDRESS
REGISTER
NAME
READ/WRITE
REGISTER DESCRIPTION
0x02
ICRA
R
Interrupt Status Register A
0x07
SCR1
R/W
System Control 1 Register
0x10
BKLDOEN
R/W
Buck and LDO Output Voltage Enable Register
0x11
BKLDOSR
R
Buck and LDO Output Voltage Status Register
0x20
VCCR
R/W
Voltage Change Control Register 1
0x23
B1TV1
R/W
Buck1 Target Voltage 1 Register
0x24
B1TV2
R/W
Buck1 Target Voltage 2 Register
0x25
B1RC
R/W
Buck1 Ramp Control
0x29
B2TV1
R/W
Buck2 Target Voltage 1 Register
0x2A
B2TV2
R/W
Buck2 Target Voltage 2 Register
0x2B
B2RC
R/W
Buck2 Ramp Control
0x38
BFCR
R/W
Buck Function Register
0x39
LDO1VCR
R/W
LDO1 Voltage Control Registers
0x3A
LDO2VCR
R/W
LDO2 Voltage Control Registers
8.6.1.1 Interrupt Status Register (ISRA) 0x02
This register informs the System Engineer of the temperature status of the chip.
D7-D2
D1
D0
Name
—
Temp 125°C
—
Access
—
R
—
Data
Reserved
Status bit for thermal warning
PMIC T>125°C
0 – PMIC Temp. < 125°C
1 – PMIC Temp. > 125°C
Reserved
Reset
0
0
0
8.6.1.2 Control 1 Register (SCR1) 0x07
This register allows the user to select the preset delay sequence for power-on timing, to switch between PFM
and PWM mode for the bucks, and also to select between an internal and external clock for the bucks.
D7
D6-D4
D3
D2
D1
D0
Name
—
EN_DLY
—
FPWM2
FPWM1
ECEN
Access
—
R/W
—
R/W
R/W
R/W
Data
Reserved
Selects the preset
delay sequence from
EN_T assertion
(shown below)
Reserved
Buck2 PWM /PFM Mode
select
0 – Auto Switch PFM -
PWM operation
1 – PWM Mode Only
Buck 1 PWM /PFM
Mode select
0 – Auto Switch PFM -
PWM operation
1 – PWM Mode Only
Reserved
Reset
0
Factory-Programmed
Default
1
Factory-Programmed
Default
Factory-Programmed
Default
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com