Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907TL-PLNTO/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907TL-PLNTO/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907TL-PLNTO/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LP3907TL-PLNTO/NOPB Datasheet HTML 1Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 2Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 3Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 4Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 5Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 6Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 7Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 8Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
A
B
C
D
E
SW1
VIN
LDO12
GND_C
SCL
5
4
3
2
1
VIN1
VIN
LDO2
LDO2
AVDD
FB2
LDO1
GND_S
W1
FB1
EN_S
W1
EN_T
VIN
LDO12
nPOR
EN_
LDO1
SDA
VIN2
SW2
GND_
SW2
VIN
LDO1
EN_
LDO2
EN_
SW2
GND_
L
1
2
3
4
5
6
13
14
18
17
16
15
4
LP3907
SNVS511S – JUNE 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Table 3. Default Device Options (continued)
PART NUMBER(1)(2)
BUCK1
BUCK2
LDO1
LDO2
BUCK MODES
DEFAULT EN_T
DELAY
DEFAULT UVLO
LP3907TL-JJCP/NOPB
1.2 V
1.8 V
1.2 V
2.5 V
Auto-Mode
010
Enabled
LP3907TLX-JJCP/NOPB
1.2 V
1.8 V
1.2 V
2.5 V
Auto-Mode
010
Enabled
LP3907TL-PLNTO/NOPB
1.3 V
2.2 V
2.9 V
2.4 V
Forced PWM
010
Enabled
LP3907TLX-PLNTO/NOPB
1.3 V
2.2 V
2.9 V
2.4 V
Forced PWM
010
Enabled
6 Pin Configuration and Functions
RTW Package
24-Pin WQFN
Top View
YZR Package
25-Pin DSBGA
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com